Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 26Page - List of Unclassifed Manufacturers A13 Datasheet HTML 27Page - List of Unclassifed Manufacturers A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
29
December 10, 2012
Symbol
Parameter
Min
Typ
Max
Unit
Ta
Operating Temperature[Commercial]
-20
–
+70
°C
VCC
DC Supply Voltage for I/O
1.7
1.8~3.3
3.6
V
VDD
DC Supply Voltage for Internal Digital Logic
1.1
1.2
1.3
V
VCC_ANALOG
DC Supply Voltage for Analog Part
2.7
3.0
3.3
V
VCC_DRAM
DC Supply Voltage for DRAM Part
1.425
1.5~1.8
1.98
V
VCC_USB
DC Supply Voltage for USB PHY
3.0
3.3
3.45
V
Table 6-2 Recommended Operating Conditions
6.3.
DC Electrical Characteristics
Table 6-3 summarizes the DC electrical characteristics of A13.
Symbol
Parameter
Min
Typ
Max
Unit
VIH
High-level input voltage
0.7*VCC
/
VCC+0.3
V
VIL
Low-level input voltage
-0.3
/
0.3*VCC
V
VHYS
Hysteresis voltage
/
/
/
mV
IIH
High-level input current
/
/
10
uA
IIL
Low-level input current
/
/
10
uA
VOH
High-level output voltage
VCC-0.2
/
VCC
V
VOL
Low-level output voltage
0
/
0.2
V
IOZ
Tri-State output leakage current
-10
/
10
uA
CIN
Input capacitance
/
/
5
pF
COUT
Output capacitance
/
/
5
pF
Table 6-3 DC Electrical Characteristics
6.4.
Oscillator Electrical Characteristics
The A13 contains a 24.000 MHz oscillator.
The A13 device operation requires the following input clock:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com