Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
42
December 10, 2012
16.
SPI Interface
16.1.
Overview
The SPI is the Serial Peripheral Interface which allows rapid data communication with less
software interrupts. The SPI module contains one 8x64 receiver buffer (RXFIFO) and one 8x64
transmit buffer (TXFIFO). It can work in two modes: Master mode and Slave mode.
It features:
Full-duplex synchronous serial interface
Configurable Master/Slave
8x64 FIFO for data transmit and receive
Configurable Polarity and phase of the Chip Select (SPI_SS) and SPI Clock (SPI_SCLK)
Support Dedicated DMA
16.2.
SPI Controller Signal Description
SPIx=SPI[2:0]
Signal Name
Description
Type
SPIx_CS[1:0]
SPIx Chip Select signal
I/O
SPIx_MOSI
SPIx Master data Out, Slave data In
I/O
SPIx_MISO
SPIx Master data In, Slave data Out
I/O
SPIx_CLK
SPIx Clock signal
I/O
Table 16. SPI Controller Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com