Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers A13 Datasheet HTML 38Page - List of Unclassifed Manufacturers A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
36
December 10, 2012
13.
NAND Flash Controller
13.1.
Overview
The NFC supports all NAND/MLC flash memory available in the market and new types can be
supported by software re-configuration as well. It can support 2 NAND flash with 3.3 V voltage
supply. There are 2 separate chip select lines (CE#) to connect up to 2 flash chips with2 R/B
signals.
The On-the-fly error correction code (ECC) is built in NFC to enhance reliability. BCH is
implemented to detect and correct up to 64 bits error per 512 or 1024 bytes data. The on chip ECC
and parity checking circuitry of NFC frees CPU for other tasks. The ECC function can be disabled
by software.
The data can be transferred by DMA or by CPU memory-mapped IO method. The NFC provides
automatic timing control to read or write external Flash. The NFC maintains the proper relativity
for CLE, CE# and ALE control signal lines. Three kinds of modes are supported for serial read
access: Mode 0 is the conventional serial access, Mode 1 for EDO type, and Mode 2 is for
extension EDO type. In addition, NFC can monitor the status of R/B# signal line.
Block management and wear leveling management are implemented in software.
The NFC features:
Support SLC/MLC/TLC flash and EF-NAND memory
Software configure seed to randomize engine
Software configure method for adaptability to a variety of system and memory types
Support 8-bit Data Bus Width
Support 1024, 2048, 4096, 8192, 16384 bytes size per page
Support 3.3 V voltage supply Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com