Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
31
December 10, 2012
7.
PWM
7.1.
Overview
The output of the PWM is a toggling signal whose frequency and duty cycle can be modulated by
its programmable registers. Each channel has a dedicated internal 16-bit up counter. If the counter
reaches the value stored in the channel period register, it resets. At the beginning of a count period
cycle, the PWMOUT is set to activate state and count from 0x0000.
The PWM divider divides the clock (24MHz) by 1-4096 according to the pre-scalar bits in the
PWM control register.
In PWM cycle mode, the output will be a square waveform; the frequency is set to the period
register. In PWM pulse mode, the output will be a positive pulse or a negative pulse.
7.2.
PWM Signal Description
Signal Name
Description
Type
Pin Name
PWM
PWM output
O
PB2
Table 7. PWM Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com