Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers A13 Datasheet HTML 38Page - List of Unclassifed Manufacturers A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
37
December 10, 2012
Up to 2 flash chips which are controlled by NFC_CEx#
Support Conventional and EDO serial access method for serial reading Flash
On-the-fly BCH error correction code which correcting up to 64 bits per 512 or 1024 bytes
Corrected Error bits number information report
ECC automatic disable function for all 0xff data
NFC status information is reported by its registers
Support interrupt
One Command FIFO
Support external DMA for data transfer
Two 256x32-bit RAM for Pipeline Procession
Support SDR, DDR and Toggle 1.0 NAND
13.2.
NAND Flash Controller Signal Description
Signal Name
Description
Type
NCE[1:0]
NAND FLASH Chip Select bit
O
NRB[1:0]
NAND FLASH Chip Ready/Busy bit
I
NWE
NAND FLASH Chip Write Enable
O
NRE
NAND FLASH Chip Read Enable
O
NALE
NAND FLASH Chip Address Latch Enable
O
NCLE
NAND FLASH Chip Command Latch Enable
O
NDQ[7:0]
NAND FLASH Data bit
I/O
NDQS
NAND FLASH Data Strobe
I/O
Table 13. NAND Flash Controller Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com