Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MT8924
Preliminary Information
8-10
E:
Extra bit insertion (active when E=1)
F1 - F0:
PCM byte format selection (see Table 1)
00 = no bit inverted
01 = even bit (B0, B2, B4, B6) inverted
10 = odd bit (B1, B3, B5) inverted
11 = all bits (B0, B1, B2, B3, B4, B5, B6) inverted
P3 - P0:
channel mode operation information
A1 - A0:
see channel attenuation description
0000 = no connection
for Instruction 1
1111 = transparent mode
T1 - T0:
see noise suppression description
1010 - 0001 = conference mode
for Instruction 1
P3 - P0 provides conference number
Note:
Instruction 6 enables the data bus to read the status until reset by C/D=0, WR=1, and CS=0
Instruction 5 : PCM Operating Mode Selection
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0110
X
E
F1
F0
0101
see Table 1
Instruction 6 : Status Monitoring
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0100
X
X
X
C4
C3
C2
C1
C0
0110
XXXX
0110
0011
P3
P2
P1
P0
A1
A0
T1
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com