Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8924AS Datasheet HTML 1Page - Mitel Networks Corporation MT8924AS Datasheet HTML 2Page - Mitel Networks Corporation MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Information
MT8924
8-7
Noise Suppression
When noise suppression is enabled for a specific
input channel then the PCM bytes for this channel,
when
below
the
selected
threshold
level,
are
converted to PCM bytes corresponding to the
minimum PCM code level before being added to the
conference sum.
The four threshold levels available correspond to the
first, fifth, ninth and sixteenth step of the first
segment. These are 1/4096, 9/4096, 16/4096, and
32/4096 with respect to full scale A-Law, and 1/8159,
9/8159, 16/8159, and 32/8159 with respect to full
scale
µ-Law (see Table 1).
PCM Format Selection
PCM
digital
code
assignment
is
register
programmable and achieved through the use of
Instruction 5 (see Table 2). The available formats are
CCITT
G.711
A-Law
or
µ-Law, with true-sign
Alternate
Digit
Inversion
or
true-sign/Inverted
Magnitude coding.
Output clock Cko provides a reference time base for
a digital time/space crosspoint switch. Normally this
signal is identical to the master clock input Cki.
When operating with the extra bit selection, through
Instruction 5, Cko is low for two clock periods, which
allows operation of the MT8924 with the 1.544 MHz
PCM frame format (see Figure 10).
Transparent Mode
The MT8924 can operate in transparent mode. In
this case the PCM input (DSTi) is passed unmodified
through the MT8924 to the output (DSTo) with a
delay of one frame and one channel. This feature
allows attenuation of specific channels that are not
connected to a conference.
Tone Insertion
The MT8924 provides for tone insertion into PCM
output channels by using the two input pins TD and
TF. An externally generated square wave tone
applied to the TF input will generate a level
corresponding to 1/10 of the full scale accumulator
value when TD is High. Only channels connected in
a conference with the insertion tone bit (IT) active
will have the PCM coded tone at their output (see
Instruction 1).
Testing and Diagnostic Feature
For testing and diagnostic purposes, a
status
instruction
has
been
provided
that
indicates
conference location and attenuation level for each
channel requested. This data
appears
on
the
databus upon status request.
Programmable Control
Instruction 1 : Conference Mode Connection
This function connects a PCM channel to a
conference.
The
control
information
from
the
microprocessor consists of two data bytes and one
control byte. The first byte contains the conference
number (bits D0-D3) and the Start bit S (D4). When
S is High, the accumulator registers connected to a
conference are initialized. S set to High is only
required in Instruction 1 of the first channel
connected to a new conference, otherwise S is set
LOW to bring other channels into the conference.
The second byte contains the number of the
channel to be connected (D0-D4), and the Insert
Tone Enable bit IT (D5). When IT and TD are both
High all the channels belonging to that conference
are enabled using the insert tone function. The
third byte contains a four bit opcode (D0-D3) plus
information about the attenuation level and noise
suppression to be applied to the specific channel.
Instruction 2 : Transparent Mode Connection
This
function
sets
up
a
PCM
channel
for
transparent
mode
operation.
The
control
information from the microprocessor consists of
one data byte and one control byte.
The first byte contains the channel number, and
the second byte contains a four bit opcode (D0-D3)
and
information
about
attenuation
and
noise
suppression levels to be applied to the specific
channel. PCM data on this channel is not added to
any conference, but is transferred to the PCM
output after a full frame pulse plus one channel
delay. It is not affected by the tone control pins (TF,
TD).
Instruction 3 : Disconnection
This function disconnects a PCM channel from a
conference.
The
control
information
from
the
microprocessor consists of one data byte and one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com