Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation MT8924AS Datasheet HTML 13Page - Mitel Networks Corporation MT8924AS Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Information
MT8924
8-13
*All AC characteristics are valid 250
µs after V
DD and the clock have been applied. CL is the max. capacitive load and RL is the test pull up
resistor.
**With Extra Bit Insert operating mode these times are 80ns longer.
Figure 6 - PCM Timing
* All AC characteristics are valid 250
µs after V
DD and the clock have been applied. CL is the max. capacitive load and RL is the test pull up
resistor.
Figure 7 - Reset Timing
AC Electrical Characteristics - PCM Timing* (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input PCM setup time
tSPCM
80
ns
2
Input PCM hold time
tHPCM
35
ns
3
Output PCM propagation delay
tPD
25
125
ns
CL=150pF, RL=1KΩ
in 2.048MHz mode **
AC Electrical Characteristics - RESET Timing* (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
RESET low setup time
tSLRES
100
ns
2
RESET low hold time
tHLRES
50
ns
3
RESET high setup time
tSHRES
90
ns
4
RESET high level width
tWHRES
tCK
ns
0
Cki
F0i
DSTo
DSTi
12
MSB
tSPCM tHPCM
MSB
tPD
Cki
RESET
tSLRES
tHLRES
tSHRES
tWHRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com