Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Information
MT8924
8-9
S:
Conference Start Bit
T1-T0:
Channel Noise Suppression
P3-P0:
Conference Number (1-10)
T1/T0
A-Law
µ-Law
IT:
Insertion Tone Function Enable (IT=1)
00
no noise suppression
C4-C0:
Channel Number (0-31)
01
9/4096
9/8159
A1-A0:
Channel Attenuation
10
16/4096
16/8159
00 = -0dB
11
32/4096
32/8159
01 = -3dB
10 = -6dB
T1-T0: see noise suppression description given for Instruction 1
CF10 - CF1 : Conference is in overflow when bit is HIGH
Note : as long as RD remains LOW, the overflow status of the conference selected by C/D can be monitored in real time
Instruction 1 : Channel Connection in Conference Mode
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0100
XXXS
P3
P2
P1
P0
Conference Number
0100
X
X
IT
C4
C3
C2
C1
C0
PCM Channel Number and
Insertion Tone control
0110
A1
A0
T1
T0
0111
Opcode, Attenuation, and
Noise Suppression control
Instruction 2 : Channel Connection in Transparent Mode
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0100
X
X
X
C4
C3
C2
C1
C0
PCM Channel Number
0110
A1
A0
T1
T0
0011
Opcode and Attenuation
Instruction 3 : Channel Disconnection
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0100
X
X
X
C4
C3
C2
C1
C0
PCM Channel Number
0110
XXXX
1111
Opcode
Instruction 4: Overflow Status Monitoring
Control Signals
Data Bus
Comments
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0001
CF
8
CF
7
CF
6
CF
5
CF
4
CF
3
CF
2
CF
1
Conferences 1 to 8
0011
XXXXXX
CF
10
CF
9
Conferences 9 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com