Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation MT8924AS Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Information
MT8924
8-11
* Exceeding these figures may cause permanent damage. Functional operation under these conditions is not guaranteed.
* Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
All DC characterisitics are valid 250
µs after V
DD and C4i have been applied.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD - VSS
- 0.3
7
V
2
Voltage on any I/O pin
VI/O
VSS - 0.3
VDD + 0.3
V
3
Current on any I/O pin
II/O
± 10
mA
4
Storage Temperature
TST
- 65
+ 150
°C
5
Power Dissipation (plastic package)
PD
500
mW
Recommended Operating Conditions
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5
5.25
V
2
Ambient Operating Temp. Range
TOP
0+70
°C
3
Input Voltage High
VIH
2.4
VDD
V
for 400mv noise
margin
4
Input Voltage Low
VIL
VSS
0.8
V
DC Characteristics: Clocked operation (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input Low Level
VIL
0.8
V
Pins 1-3, 6-13, 15-20, 22-23
2
Input High Level
VIH
2.0
V
Pins 1-3, 6-13, 15-20, 22-23
3
Output Low Level
VOL
0.4
V
Pins 4, 6-13; IOL=4 mA
4
Output High Level
VOH
2.4
V
Pins 4, 6-13; IOL=4 mA
5
Output Low Level
VOL
0.4
V
Pins 5, 21; IOL=8 mA
6
Input Leakage Current
IIL
10
µA
Pins 1-3, 6-13, 15-20, 22-23;
VIN=0 to VDD
7
Data Bus Leakage Current
IOL
±10
µA
Pins 6-13; VIN=0 to VDD;
CS=VDD
8
Supply Current
IDD
10
mA
Pin 14; Cki=4.096 MHz
AC Electrical Characteristics - Capacitances
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input Capacitance
CI
5
pF
frequency=1MHz; TOP=0
to 70
°C;
unused pins tied to VSS;
VDD=5V±5%
2
I/O Capacitance (Bidirectional)
CI/O
15
pF
3
Output Capacitance
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com