Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation MT8924AS Datasheet HTML 13Page - Mitel Networks Corporation MT8924AS Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MT8924
Preliminary Information
8-12
* All AC characteristics are valid 250
µs after V
DD and the clock have been applied. CL is the max. capacitive load and RL is the test pull up
resistor. With Extra Bit Insert operating mode these times are 80ns longer.
** With Extra Bit Insert operating mode this time becomes 3tCK.
Figure 5 - Clock Timing
AC Electrical Characteristics - Clocked Timing* (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Clock period
tCK
230
ns
2
Clock low level width
tWLCK
100
ns
3
Clock high level width
tWHCK
100
ns
4
Clock rise time
tRCK
25
ns
5
Clock fall time
tFCK
25
ns
6
Sync. low setup time
tSLSY
50
ns
**
7
Sync. low level hold time
tHLSY
40
ns
8
Sync. high setup time
tSHSY
80
ns
9
Sync. high width
tWHSY
tCK
ns
10
OS propagation delay from rising
edge of Clock
tPDOS
100
ns
CL=50pF
11
Cko propagation delay to Clock
edges
tPDEC
80
ns
CL=50pF
12
TD setup time
tSTD
80
ns
13
TD hold time
tHTD
40
ns
14
TD setup time
tSTF
80
ns
15
TD hold time
tHTD
40
ns
tHTD
tWHCK
tWLCK
tSLSY
tCK
tRCK
tFCK
tHLSY
tSHSY
tPDEC
tPDEC
tPDOS
tSTF
tHTF
tSTD
tWHSY
Cki
F0i
TF
Cko
OS
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com