Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation MT8924AS Datasheet HTML 13Page - Mitel Networks Corporation MT8924AS Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MT8924
Preliminary Information
8-14
Figure 8 - Write Timing Characteristics
AC Electrical Characteristics - Write Timing (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Write Pulse low width
tWLWR
150
ns
2
Write Pulse high width
tWHWR
200
ns
3
Repetition Interval between active Write
Pulses
tREPWR
500
ns
4
Read high setup time to active Write
Pulse
tSHRD
0ns
5
Read high hold time from active Write
Pulse
tHHRD
20
ns
6
Write Pulse rise time
tRWR
60
ns
7
Write Pulse fall time
tFWR
60
ns
8CS low setup time to WR falling edge
tSLCSWR
0
ns
Active case
9CS low hold time from WR falling edge
tHLCSWR
0
ns
Active case
10
CS high setup time to WR rising edge
tSHCSWR
0ns
11
CS high hold time from WR rising edge
tHHCSWR
0ns
12
C/D setup time to Write Pulse end
tSC/DWR
130
ns
13
C/D hold time from Write Pulse end
tHCDWR
25
ns
14
Input setup time to Write Pulse end
tSDWR
130
ns
15
Input hold time from Bus Write Pulse
end
tHDWR
25
ns
C/D
tWLWR
tSHRD
WR
tWHWR
tHHRD
tRWR
tREPWR
tFWR
tSHCSWR
tSLCSWR
RD
tHLCSWR
tHHCSWR
CS
tSCDWR
tHCDWR
tSDWR
tHDWR
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com