Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8924AS Datasheet HTML 1Page - Mitel Networks Corporation MT8924AS Datasheet HTML 2Page - Mitel Networks Corporation MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Information
MT8924
8-5
19
F0i
Frame Pulse (Input). This is an 8 kHz active low input used for frame synchronization of the
PCM bit stream. The first falling edge of Cki following the falling edge of frame pulse F0i
determines the start of a new frame and must correspond to the first bit of the first channel.
When PCM frames of 1544 kbit/s are used, the rising edge of F0i must correspond to the
Extra (193rd) bit.
20
Cki
Clock (Input). This signal is the timing reference used for all internal operations. The PCM
bit cell boundaries lie on the alternate falling edges of this clock. The maximum allowable
clock frequency is 4096 kHz.
21
Cko
Clock (Output). This pin provides the master clock for a digital crosspoint switch (e.g.,
MT898x series, or the MT9080, MT9085 combination). Normally the signal on this pin is
identical to Cki. When Extra bit operating mode is selected (see Instruction 5), the first two
cycles of the master clock are suppressed (see Figure 10). This feature allows the MT8924
to operate in 1544 kbit/s systems.
22
DSTi
ST-BUS Serial Input. This pin accepts the serial PCM input stream at a maximum allowable
bit rate of 2048 kbit/s. In normal operation the first bit of the first channel is defined by the
rising edge of Cki following the falling edge of frame pulse F0i. When Extra bit operating
mode is selected, the first bit of the first channel defines the extra bit.
23
A/
µ
A/
µ - Law Select Input. When A/µ is High, A-Law is selected, and when A/µ is Low, µ-Law is
selected. The companding law selection must be done before initializing the device using
the RESET pin.
24
VSS
Negative Power Supply Voltage. Nominally 0 Volts.
Pin Description (continued)
Pin #
Name
Description
Functional Description
The MT8924 is a device designed to provide
conferencing in a digital switching system in any
combination for up to all 32 channels of a 2048 kbit/s
ST-BUS stream (see Figure 3).
The information of channel N, frame M is first
converted to Linear PCM and then added to the
signal from other conferencees during the first half of
Microcontroller
MT8980/81/82
Digital Switch
MT8924
Circuit (PCC)
PCM Conference
STi0
STix-1
STix
STo0
STox-1
STox
Figure 3 -Typical Conference Connection
.
.
.
.
.
.
.
.
channel N+1, frame M and subtracted during the
second half of channel N-1, frame M+1. After Linear-
to-PCM conversion the subtraction result goes to the
parallel-to-serial converter,
and
appears
at the
output on the N+1 channel, M+1 frame with respect
to the corresponding sending party information (see
Figure 4).
To a microprocessor the MT8924 appears as a
memory mapped peripheral device that can be
controlled by a set
of
six instructions.
These
commands can be used to establish or cancel
conferences between the PCM channels and also to
transmit control messages on specific operating
modes. The microprocessor can initiate and receive
status messages or check conference connections
that are currently in operation.
Figure 4 - Input/Output Channel Relationship
MT8924
DSTi
DSTo
Input Channels
Output Channels
Input
Output
Frame M
Frame M+1
Information
Information
A
B
C
B+C A+C A+B
N+2 N+3
N+1
N+2
N+1
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com