Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8924AS Datasheet HTML 1Page - Mitel Networks Corporation MT8924AS Datasheet HTML 2Page - Mitel Networks Corporation MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MT8924
Preliminary Information
8-6
Table 1 - PCM Noise Suppression Threshold Levels
Noise
Threshold
PCM Byte
+ve input
-ve input
B7 - B0
B7 - B0
A-Law
1/4096
1000 0000
0000 0000
9/4096
1000 0100
0000 0100
16/4096
1000 1000
0000 1000
32/4096
1000 1111
0000 1111
µ-Law
1/8159
1111 1111
0111 1111
9/8159
1111 1011
0111 1011
16/8159
1111 0111
0111 0111
32/8159
1111 0000
0111 0000
Table 2 - PCM Byte Format
B7 (sign bit) is the MSB and B0 is the LSB
F1-F0 corresponds to the D5-D4 bits of the control byte of Operating Mode Instruction 5
F1
F0
B7
B6
B5
B4
B3
B2
B1
B0
Comments
00
+ Full Scale
11111111
No Inversion
+ 0 Level
10000000
- 0 Level
00000000
- Full Scale
01111111
01
+ Full Scale
10101010
Even Bit Inversion
+ 0 Level
11010101
- 0 Level
01010101
- Full Scale
00101010
10
+ Full Scale
11010101
Odd Bit Inversion
+ 0 Level
10101010
- 0 Level
00101010
- Full Scale
01010101
11
+ Full Scale
10000000
Bit Inversion
+ 0 Level
11111111
- 0 Level
01111111
- Full Scale
00000000
Overflow Detection / Input Channel Attenuation
If
the
sum
of
the
channels
involved
in
one
conference exceeds the full scale value of the
accumulator, an overflow condition is generated
which can be monitored specifically by reading the
status of the overflow register. If an overflow
condition occurs, then each channel in a conference
can be independently attenuated if desired.
Alternatively, a conference in the overflow condition
can be detected using the OS signal in conjunction
with frame pulse F0i. OS will be low during the
second half of a general output channel slot time N,
if channel N belongs to a conference in overflow (see
Figure 11). This information can be used to control
input channel attenuation through software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com