Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9075AP Datasheet HTML 1Page - Mitel Networks Corporation MT9075AP Datasheet HTML 2Page - Mitel Networks Corporation MT9075AP Datasheet HTML 3Page - Mitel Networks Corporation MT9075AP Datasheet HTML 4Page - Mitel Networks Corporation MT9075AP Datasheet HTML 5Page - Mitel Networks Corporation MT9075AP Datasheet HTML 6Page - Mitel Networks Corporation MT9075AP Datasheet HTML 7Page - Mitel Networks Corporation MT9075AP Datasheet HTML 8Page - Mitel Networks Corporation MT9075AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
4-129
MT9075A
E1 Single Chip Transceiver
Features
•
Combined PCM 30 framer, Line Interface Unit
(LIU) and link controllers in a 68 pin PLCC or
100 pin MQFP package
•
Selectable bit rate data link access with
optional Sa bits HDLC controller (HDLC0) and
channel 16 HDLC controller (HDLC1)
•
Enhanced performance monitoring and
programmable error insertion functions
•
Low jitter DPLL for clock generation
•
Operating under synchronized or free run mode
•
Two-frame receive elastic buffer with controlled
slip direction indication
•
Selectable transmit or receive jitter attenuator
•
Intel or Motorola non-multiplexed parallel
microprocessor interface
•
CRC-4 updating algorithm for intermediate path
points of a message-based data link application
•
ST-BUS/GCI 2.048 Mbit/s backplane bus for
both data and signalling.
Applications
•
E1 add/drop multiplexers and channel banks
•
CO and PBX equipment interfaces
•
Primary Rate ISDN nodes
•
Digital Cross-connect Systems (DCS)
Description
The MT9075A is a single chip device which
integrates an advanced PCM 30 framer with a Line
Interface Unit (LIU).
The framer interfaces to a 2.048 Mbit/s backplane
and provides selectable rate data link access with
optional HDLC controllers for Sa bits and channel 16.
The LIU interfaces the framer functions to the PCM
30 transformer-isolated four wire line.
The MT9075A meets or supports the latest ITU-T
Recommendations including G.703, G.704, G.706,
G.732, G.775, G.796, G.823 for PCM 30, and I.431
for ISDN primary rate. It also meets or supports ETSI
ETS 300 166 and BS 6450.
Figure 1 - Functional Block Diagram
ST-BUS
Interface
CAS
Buffer
ST Loop
PL Loop
National
DG Loop
Alarm Detection, 2 Frame Slip Buffer
ST-BUS
Interface
TAIS
Line
Driver
TTIP
OSC1
OSC2
RTIP
M/S
CSTi
DSTi
CSTo
DSTo
E2o
RRING
TRING
Bit Buffer
F0b C4b
RxMF
LOS
TxMF
Transmit Framing, Error and
Test Signal Generation
Data Link,
HDLC0,
HDLC1
Receive Framing, Performance Monitoring,
RxDLCLK RxDL
TxDL TxDLCLK
R/W/WR
CS
DS/RD
IRQ
D7~D0
~AC0
RxFP/Rx64kCK
Jitter Attenuator
& Clock Control
AC4
Tdi
Tdo
Tms
Tclk
Trst
MS/FR
ISSUE 5
December 1997
Preliminary Information
Ordering Information
MT9075AP
68Pin PLCC
MT9075AL
100 Pin MQFP
-40
°C to 85°C


Similar Part No. - MT9075AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
347Kb / 78P
E1 Single Chip Transceiver
More results

Similar Description - MT9075AP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com