Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 42 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 42 Page - Mitel Networks Corporation

Back Button MT9075AP Datasheet HTML 38Page - Mitel Networks Corporation MT9075AP Datasheet HTML 39Page - Mitel Networks Corporation MT9075AP Datasheet HTML 40Page - Mitel Networks Corporation MT9075AP Datasheet HTML 41Page - Mitel Networks Corporation MT9075AP Datasheet HTML 42Page - Mitel Networks Corporation MT9075AP Datasheet HTML 43Page - Mitel Networks Corporation MT9075AP Datasheet HTML 44Page - Mitel Networks Corporation MT9075AP Datasheet HTML 45Page - Mitel Networks Corporation MT9075AP Datasheet HTML 46Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
MT9075A
Preliminary Information
4-170
Table 34 - Receive Frame Alignment Signal
(Page 03H, Address 11H)
Bit
Name
Functional Description
7
SYNC
Receive Basic Frame Alignment.
SYNC indicates the basic frame
alignment status (1 - loss; 0 -
acquired).
6
MFSYNC Receive
Multiframe
Alignment.
MFSYNC indicates the multiframe
alignment status (1 - loss; 0 -
acquired).
5
CRCSYN Receive CRC-4 Synchronization.
CRCSYN
indicates
the
CRC-4
multiframe alignment status (1 -
loss; 0 - acquired).
4
REB1
Receive E-Bit One Status. REB1
indicates the status of the received
E1 bit of the last multiframe.
3
REB2
Receive E-Bit Two Status. REB2
indicates the status of the received
E2 bit of the last multiframe.
2
CRCRF
CRC-4 Reframe. A one indicates
that the receive CRC-4 multiframe
synchronization could not be found
within the time out period of 8 msec.
after
detecting
basic
frame
synchronization. This will force a
reframe
when
the
maintenance
option is selected and automatic
CRC-4 interworking is de-selected.
1
RED
RED Alarm. RED goes high when
basic frame alignment has been lost
for at least 100 msec. This bit will be
low when basic frame alignment is
acquired (I.431).
0
CRCIWK CRC-4
Interworking.
CRCIWK
indicates the CRC-4 interworking
status (1 - CRC-to-CRC; 0 - CRC-
to-non-CRC).
Table 33 - Synchronization Status Word
(Page 03H, Address 10H)
Bit
Name
Functional Description
7
RIU0
Receive International Use Zero.
This is the bit which is received on
the PCM 30 2048 kbit/sec. link in bit
position one of the frame alignment
signal. It is used for the CRC-4
remainder or for international use.
6 - 0
RFA2-8
Receive Frame Alignment Signal
Bits 2 to 8. These bit are received
on the PCM 30 2048 kbit/sec. link in
bit positions two to eight of frame
alignment signal. These bits form
the frame alignment signal and
should be 0011011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com