Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9075AP Datasheet HTML 1Page - Mitel Networks Corporation MT9075AP Datasheet HTML 2Page - Mitel Networks Corporation MT9075AP Datasheet HTML 3Page - Mitel Networks Corporation MT9075AP Datasheet HTML 4Page - Mitel Networks Corporation MT9075AP Datasheet HTML 5Page - Mitel Networks Corporation MT9075AP Datasheet HTML 6Page - Mitel Networks Corporation MT9075AP Datasheet HTML 7Page - Mitel Networks Corporation MT9075AP Datasheet HTML 8Page - Mitel Networks Corporation MT9075AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Preliminary Information
MT9075A
4-133
45
33
C4b
4.096 MHz System Clock (Input/Output). C4b is the clock for the ST-BUS sections and
transmit serial PCM data of the MT9075A. In the free-run (BL/FR=0) or line synchronous
mode (BL/FR=1 and BS/LS=0) this signal is an output, while in the system bus
synchronous mode (BS/LS=1) this signal is an input clock.
46
34
F0b
Frame Pulse (Input/Output). This is the ST-BUS or GCI frame synchronization
signal, which delimits the 32 channel frame of CSTi, CSTo, DSTi, DSTo and the
PCM30 link. In the free-run (BL/FR=0) or loop synchronous mode (BL/FR=1 and BS/
LS=0) this signal is an output, while in the Bus Synchronous mode (BL/FR=1 and BS/
LS=0) this signal is an input. The GCI/ST-BUS selection is made under software control.
Page 02H, address 13H, bit 0, GCI/ST=1 selects GCI frame pulse; GCI/ST=0 selects ST-
BUS.
47
35
RxFP/
Rx64KCK
Receive Frame Pulse/Receive CCS Clock (Output). An 8kHz pulse signal, which is
low for one extracted clock period. This signal is synchronized to the receive PCM 30
basic frame boundary.
When 64KCCS (page 01H, address 1AH, bit 0) is set to 1, this pin outputs a 64 kHz clock
derived by dividing down the extracted 2.048 MHz clock. This clock is used to clock CCS
data out of pin CSTo in the CCS mode.
48
36
IC
Internal Connection. Must be left open for normal operation.
49
37
VSS
Negative Power Supply (Input). Digital ground.
50
38
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
51
39
VDDATx Transmit Analog Power Supply (Input). Analog supply for the LIU transmitter (+5V ±
5%).
52
53
40
41
TTIP
TRING
Transmit TIP and RING (Outputs). Differential outputs for the transmit line signal - must
be transformer coupled (See Figure 4).
54
42
GNDATx Transmit Analog Ground (Input). Analog ground for the LIU transmitter.
55
43
Tdi
IEEE 1149.1 Test Data Input. If not used, this pin should be pulled high.
56
44
Tdo
IEEE 1149.1 Test Data Output. If not used, this pin should be left unconnected.
57
45
Tms
IEEE 1149.1 Test Mode Selection (Input). If not used, this pin should be pulled high.
58
46
Tclk
IEEE 1149.1 Test Clock Signal (Input). If not used, this pin should be pulled high.
59
47
Trst
IEEE 1149.1 Reset Signal (Input). If not used, this pin should be held low.
60
48
TAIS
Transmit Alarm Indication Signal (Input). An active low on this input causes the
MT9075A to transmit an AIS (all ones signal) on TTIP and TRING pins. TAIS should be
set to high for normal data transmission.
61
57
LOS
Loss of Signal or Synchronization (Output). When high, and LOS/LOF (page 02H
address 13H bit 2) is zero, this signal indicates that the receive portion of the MT9075A is
either not detecting an incoming signal (bit LLOS on page 03H address 18H is one) or is
detecting a loss of basic frame alignment condition (bit SYNC on page 03H address 10H
is one). If LOS/LOF=1, a high on this pin indicates a loss of signal condition.
62
58
IC
Internal Connection. Tie to VSS (Ground) for normal operation.
59
NC
No Connection. Leave open for normal operation.
63
60
IC
Internal Connection. Tie to VSS (Ground) for normal operation.
Pin Description (continued)
Pin #
Name
Description
PLCC MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com