Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 39 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 39 Page - Mitel Networks Corporation

Back Button MT9075AP Datasheet HTML 35Page - Mitel Networks Corporation MT9075AP Datasheet HTML 36Page - Mitel Networks Corporation MT9075AP Datasheet HTML 37Page - Mitel Networks Corporation MT9075AP Datasheet HTML 38Page - Mitel Networks Corporation MT9075AP Datasheet HTML 39Page - Mitel Networks Corporation MT9075AP Datasheet HTML 40Page - Mitel Networks Corporation MT9075AP Datasheet HTML 41Page - Mitel Networks Corporation MT9075AP Datasheet HTML 42Page - Mitel Networks Corporation MT9075AP Datasheet HTML 43Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Preliminary Information
MT9075A
4-167
Bit
Name
Functional Description
7
BPVE
Bipolar Violation Error Insertion.
A zero-to-one transition of this bit
inserts a single bipolar violation
error into the transmit PCM 30 data.
A one, zero or one-to-zero transition
has no function.
6
CRCE
CRC-4 Error Insertion. A zero-to-
one transition of this bit inserts a
single CRC-4 error into the transmit
PCM 30 data. A one, zero or one-to-
zero transition has no function.
5
FASE
Frame Alignment Signal Error
Insertion. A zero-to-one transition
of this bit inserts a single error into
the time slot zero frame alignment
signal of the transmit PCM 30 data.
A one, zero or one-to-zero transition
has no function.
4
NFSE
Non-frame
Alignment
Signal
Error
Insertion.
A
zero-to-one
transition of this bit inserts a single
error into bit two of the time slot zero
non-frame alignment signal of the
transmit PCM 30 data. A one, zero
or one-to-zero transition has no
function.
3
LOSE
Loss of Signal Error Insertion. If
one, the MT9075A transmits an all
zeros signal (no pulses) in every
PCM 30 time slot. If zero, data is
transmitted normally.
2
PERR
Payload Error Insertion. A zero-to-
one transition of this bit inserts a
single error in the transmit payload.
A one, zero or one-to-zero transition
has no function.
1
---
Unused.
0
DBNCE
Debounce Select. This bit selects
the debounce period (1 for 14
msec.; 0 for no debounce). Note:
there may be as much as 2 msec.
added to this duration because the
state
change
of
the
signalling
equipment is not synchronous with
the PCM 30 signalling multiframe.
Table 28 - Error and Debounce Selection Word
(Page 02H, Address 10H)
Bit
Name
Functional Description
7-3
--
Unused.
2
LOS/LOF Loss of Signal or Loss of Frame
Selection. If one, pin LOS (pin 61 in
PLCC, 57 in MQFP) will go high
when a loss of signal state exits
(criteria as per LLOS status bit on
page 03H address 18H). If low, pin
LOS will go high when either a loss
of signal (LLOST =1) or a loss of
basic frame alignment state exits
(bit SYNC on page 03H address
10H is zero).
1
ADSEQ
Digital Milliwatt or Digital Test
Sequence. If one, the A-law digital
milliwatt analog test sequence will
be selected by the Per Time Slot
Control bits TTST and RTST (on
page 07H and 08H). If zero, the
PRBS 215-1 bit error rate test
sequence will be selected by the
Per Time Slot Control bits TTST and
RTST. The PRBS generator is reset
whenever this bit is set to 1.
0
GCI/ST
GCI or ST-BUS Frame Pulse. If
one, the MT9075A will transmit or
receive a GCI frame pulse on pin
F0b (pin 46 in PLCC, 34 in MQFP).
If zero, the MT9075A will transmit or
receive an ST-BUS frame pulse on
F0b.
Table 29 - Access Control Word
(Page 02H, Address 13H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com