Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 34 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 34 Page - Mitel Networks Corporation

Back Button MT9075AP Datasheet HTML 30Page - Mitel Networks Corporation MT9075AP Datasheet HTML 31Page - Mitel Networks Corporation MT9075AP Datasheet HTML 32Page - Mitel Networks Corporation MT9075AP Datasheet HTML 33Page - Mitel Networks Corporation MT9075AP Datasheet HTML 34Page - Mitel Networks Corporation MT9075AP Datasheet HTML 35Page - Mitel Networks Corporation MT9075AP Datasheet HTML 36Page - Mitel Networks Corporation MT9075AP Datasheet HTML 37Page - Mitel Networks Corporation MT9075AP Datasheet HTML 38Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
MT9075A
Preliminary Information
4-162
Table 21 - Interrupt, Signalling and BERT
Control Word (Page 01H, Address 1AH)
(continued)
Table 21 - Interrupt, Signalling and BERT
Control Word (Page 01H, Address 1AH)
Bit
Name
Functional Description
7
ODE
Output Data Enable. If one, the
DSTo and CSTo output drivers
function normally. When low, DSTo
and CSTo will be tristated.
Note: When ODE =1, DSTo and
CSTo can be individually tristated
by DSToDE and CSToDE (page
01H, address 16H) respectively.
6
SPND
Suspend Interrupts. If one, the
IRQ output (pin 12 in PLCC, 85 in
MQFP) will be in a high-impedance
state and all interrupts will be
ignored. If zero, the IRQ output will
function normally.
5
INTA
Interrupt Acknowledge. A zero-to-
one or one-to-zero transition will
clear any pending interrupt and
make IRQ high.
4
TxCCS
Transmit
Common
Channel
Signalling. If one, the transmit
section of the device is in common
channel signalling (CCS) mode. If
zero, it is in Channel Associated
Signalling (CAS) mode.
3
RPSIG
Register
Programmed
Signalling. If one, the transmit CAS
signalling
will
be
controlled
by
programming page 05H. If zero, the
transmit CAS signalling will be
controlled through the CSTi stream.
Bit
Name
Functional Description
2
CNTCLR
Counter Clear. If one, all status
counters are cleared and held low.
Zero for normal operation.
1
MSN
Most
Significant
Signalling
Nibble. If one, the CSTo and CSTi
channel
associated
signalling
nibbles will be valid in the most
significant portion of each ST-BUS
time slot. If zero, the CSTo and
CSTi channel associated signalling
nibbles will be valid in the least
significant portion of each ST-BUS
time slot.
0
64KCCS
64
Kbits/s
Common
Channel
Signalling. If one, common channel
signalling information is sourced
from CSTi, and common channel
signalling information is clocked out
of CSTo. The transmit clock is an
internal clock. This 64 KHz clock is
divided down from C4b and is
synchronous
with
the
STBUS
channel
boundaries.
The
rising
edges of the clock occur between
channels 1 and 2; 5 and 6; 9 and
10; 13 and 14; 17 and 18; 21 and
22; 25 and 26; 29 and 30. The
receive clock is synchronous with
the same channel times, but derived
from the extracted clock timebase.
The CCS receive clock is driven out
on Rx64KCK (pin 47 in PLCC, 35 in
MQFP) when this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com