| Electronic Components Datasheet Search |
|
MT9075AP Datasheet(PDF) 65 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9075AP Datasheet(HTML) 65 Page - Mitel Networks Corporation |
|
65 / 78 page ![]() Preliminary Information MT9075A 4-193 Page 0FH, addresses 10H to 1FH contain the 16 bytes of transmit message buffer zero Page 10H, addresses 10H to 1FH contain the 16 bytes of transmit message buffer one Receive Message Mode Buffer Zero and One (Pages 11H and 12H) Pages 11H and 12H - Receive Message Buffer 0 and 1 respectively, contain 32 bytes of memory. Each byte is updated once per frame by the equivalent PCM 30 channel from the receive data stream. Page 11H, addresses 10H to 1FH contain the 16 bytes of receive message buffer zero Page 12H, addresses 10H to 1FH contain the 16 bytes of receive message buffer one Bit Name Functional Description 7 - 0 TxB0.n.7 - TxB0.n.0 Transmit Bits 7 to 0. This byte is transmit on a time slot when selected by the TXMSG bit of the appropriate per time slot control word. n = 0 to 15 and represents transmit timeslot numbers 0 to 15. Table 98 - Transmit Message Mode Buffer Zero (Page 0FH) Bit Name Functional Description 7 - 0 TxB1.n.7 - TxB1.n.0 Transmit Bits 7 to 0. This byte is transmit on a time slot when selected by the TXMSG bit of the appropriate per time slot control word. n = 0 to 15 and represents transmit timeslot numbers 16 to 31. Table 99 - Transmit Message Mode Buffer One (Page 10H) Page 0FH (Rx Message Buffer 0) Address: 012345678910 11 12 13 14 15 Equivalent PCM 30 Timeslots 012345678910 11 12 13 14 15 Page 10H (Rx Message Buffer 1) Address: 012345678910 11 12 13 14 15 Equivalent PCM 30 Timeslots 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 Table 100 - Pages 11H & 12H Address Mapping to CEPT Channels Bit Name Functional Description 7 - 0 RxB0.n.7 - RxB0.n.0 Receive Bits 7 to 0. Each byte is sourced from a time slot coming from the line data. n=0 to 15 represents receive timeslots 0 to 15. Table 101 - Receive Message Buffer Zero (Page 11H) Bit Name Functional Description 7 - 0 RxB1.n.7 - RxB1.n.0 Receive Bits 7 to 0. Each byte is sourced from a time slot coming from the line data. n=0 to 15 represents receive timeslots 16 to 31. Table 102 - Receive Message Buffer One (Page 12H) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |