Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 37 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 37 Page - Mitel Networks Corporation

Back Button MT9075AP Datasheet HTML 33Page - Mitel Networks Corporation MT9075AP Datasheet HTML 34Page - Mitel Networks Corporation MT9075AP Datasheet HTML 35Page - Mitel Networks Corporation MT9075AP Datasheet HTML 36Page - Mitel Networks Corporation MT9075AP Datasheet HTML 37Page - Mitel Networks Corporation MT9075AP Datasheet HTML 38Page - Mitel Networks Corporation MT9075AP Datasheet HTML 39Page - Mitel Networks Corporation MT9075AP Datasheet HTML 40Page - Mitel Networks Corporation MT9075AP Datasheet HTML 41Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Preliminary Information
MT9075A
4-165
Bit
Name
Functional Description
7
MFSYI
Multiframe
Synchronization
Interrupt.
When
unmasked
(MFSYI = 1), an interrupt is initiated
when multiframe synchronization is
lost. Interrupt vector = 10000000.
6
CSYNI
CRC-4
Multiframe
Synchronization Interrupt. When
unmasked (CSYNI = 1), an interrupt
is initiated when CRC-4 multiframe
synchronization is lost. Interrupt
vector = 10000000.
5
- - -
Unused.
4YI
Remote
Signalling
Multiframe
Alarm Interrupt. When unmasked
(YI = 1), an interrupt is initiated
when a remote signalling multiframe
alarm signal is received. Interrupt
vector = 10000000.
Table 25: Interrupt Mask Word Three
(Page 01H, Address 1EH)
3
1SECI
One
Second
Status
Interrupt.
When unmasked (1SECI = 1), an
interrupt is initiated when the 1SEC
status bit (page 03H, address 12H,
bit 7) changes from zero to one.
Interrupt vector = 00001000.
2
T1I
T1
Timer
Interrupt.
When
unmasked (T1I = 1), an interrupt is
initiated when the T1 timer bit (page
03H, address 12H, bit 5) changes
from zero to one. Interrupt vector =
00001000.
1
T2I
T2
Timer
Interrupt.
When
unmasked (T2I = 1), an interrupt is
initiated when the T2 timer bit (page
03H, address 12H, bit 4) changes
from zero to one. Interrupt vector =
00001000.
0
- - -
Unused
Bit
Name
Functional Description
Table 25: Interrupt Mask Word Three
(Page 01H, Address 1EH)
Bit
Name
Functional Description
7-3
---
Unused. Set low for normal operation.
2-0
TX2-0
Transmit pulse amplitude. Select the
TX2-TX0 bits according to the line type,
value of termination resistors (RT), and
transformer turns ratio used
TX2 TX1 TX0 Line(
Ω) R
T(Ω)
Xfmr
0
0
0
120
0
1:2
0
0
1
120
0
1:1
0
1
0
120
15
1:2
0
1
1
120/75 12.1
1:2
1
0
0
75
0
1:2
1
0
1
75
0
1:1
1
1
1
75
9.1
1:2
1
1
1
75/120 12.1
1:2
Table 26: Transmit Pulse Control Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com