Electronic Components Datasheet Search
  English  ▼

X  

MT9075AP Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT9075AP Datasheet HTML 31Page - Mitel Networks Corporation MT9075AP Datasheet HTML 32Page - Mitel Networks Corporation MT9075AP Datasheet HTML 33Page - Mitel Networks Corporation MT9075AP Datasheet HTML 34Page - Mitel Networks Corporation MT9075AP Datasheet HTML 35Page - Mitel Networks Corporation MT9075AP Datasheet HTML 36Page - Mitel Networks Corporation MT9075AP Datasheet HTML 37Page - Mitel Networks Corporation MT9075AP Datasheet HTML 38Page - Mitel Networks Corporation MT9075AP Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Preliminary Information
MT9075A
4-163
Table 23 - Interrupt Mask Word One
(Page 01H, Address 1CH) (continued)
Bit
Name
Functional Description
7
SYNI
Synchronization Interrupt. When
unmasked (SYNI = 0) an interrupt is
initiated when a loss of basic frame
synchronization
condition
exists.
Interrupt vector = 10000000.
6
RAII
Remote
Alarm
Indication
Interrupt. When unmasked (RAII
= 0) a received RAI will initiate an
interrupt.
Interrupt
vector
=
01000000.
5
AISI
Alarm Indication Signal Interrupt.
When unmasked (AISI = 0) a
received
AIS
will
initiate
an
interrupt.
Interrupt
vector
=
01000000.
4
AIS16I
Channel
16
Alarm
Indication
Signal Interrupt. When unmasked
(AIS16I = 0), a received AIS16 will
initiate an interrupt. Interrupt vector
= 01000000.
3
LOSI
Loss of Signal Interrupt. When
unmasked (LOSI = 0) an interrupt is
initiated when a loss of signal
condition exists. Interrupt vector =
01000000.
2
FERI
Frame
Error
Interrupt.
When
unmasked (FERI = 0), an interrupt
is initiated when an error in the
frame
alignment
signal
occurs.
Interrupt vector = 00100000.
1
BPVO
Bipolar
Violation
Counter
Overflow
Interrupt.
When
unmasked (BPVO = 0), an interrupt
is initiated when the bipolar violation
error counter changes form FFFFH
to 0H. Interrupt vector = 00010000.
0
SLPI
SLIP Interrupt. When unmasked
(SLPI = 0), an interrupt is initiated
when a controlled frame slip occurs.
Interrupt vector = 00000100.
Table 22 - Interrupt Mask Word Zero
(Page 01H, Address 1BH)
Bit
Name
Functional Description
7
EBI
Receive E-bit Interrupt. When
unmasked an interrupt is initiated
when a receive E-bit indicates a
remote
CRC-4
error.
1
-
unmasked, 0 - masked. Interrupt
vector = 00100000.
6
CRCI
CRC-4
Error
Interrupt.
When
unmasked an interrupt is initiated
when a local CRC-4 error occurs. 1
- unmasked, 0 - masked. Interrupt
vector = 00100000.
5
CEFI
Consecutively
Errored
FASs
Interrupt.
When
unmasked
an
interrupt
is
initiated
when
two
consecutive
errored
frame
alignment signals are received. 1 -
unmasked, 0 - masked. Interrupt
vector = 00100000.
4
BPVI
Bipolar Violation Interrupt. When
unmasked an interrupt is initiated
when
a
bipolar
violation
error
occurs. 1 - unmasked, 0 - masked.
Interrupt vector = 00100000.
3
RCR0I
RAI and Continuous CRC Error
Interrupt.
When
unmasked
an
interrupt
is
initiated
when
the
received A bit has been one, and
the received E bits have been zero,
continuously for greater than 10
milliseconds
(see
page
04H,
address 19H) 1- unmasked, 0 -
masked.
Interrupt
vector
=
00100000.
2
RCR1I
RAI and Continuous CRC Error
Interrupt.
When
unmasked
an
interrupt
is
initiated
when
the
received A bit had been set, and the
received
E
bits
were
low,
continuously for greater than 10
milliseconds, but less than 450
milliseconds
(see
page
04H,
address 19H). 1 - unmasked, 0 -
masked.
Interrupt
vector
=
00100000.
1
BERI
Bit
Error
Interrupt.
When
unmasked an interrupt is initiated
when
a
bit
error
occurs.
1
-
unmasked, 0 - masked. Interrupt
vector = 00100000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com