Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 5Page - Texas Instruments TMP107 Datasheet HTML 6Page - Texas Instruments TMP107 Datasheet HTML 7Page - Texas Instruments TMP107 Datasheet HTML 8Page - Texas Instruments TMP107 Datasheet HTML 9Page - Texas Instruments TMP107 Datasheet HTML 10Page - Texas Instruments TMP107 Datasheet HTML 11Page - Texas Instruments TMP107 Datasheet HTML 12Page - Texas Instruments TMP107 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-1.5
-1
-0.5
0
0.5
1
1.5
2
-55GC
-15GC
+25GC
+75GC
+125GC
Alert Pin Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
V+ = 1.7V
V+ = 3.3V
V+ = 5.5V
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
Figure 14. Sample Period Drift vs Power Supply Voltage
Figure 15. Alert Pin Sink Current Capability
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com