Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 15Page - Texas Instruments TMP107 Datasheet HTML 16Page - Texas Instruments TMP107 Datasheet HTML 17Page - Texas Instruments TMP107 Datasheet HTML 18Page - Texas Instruments TMP107 Datasheet HTML 19Page - Texas Instruments TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments TMP107 Datasheet HTML 22Page - Texas Instruments TMP107 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Calibration Byte (55h)
S
P
1
1
A0
A1
A2
A3
A4
S
P
P0
P1
P2
P3
0
0
1
1
0
G/nI R/nW C/nA
Command and Address Phase (A4:A0 = N)
S
P
Data Byte 2 (From Device N)
D8
D9
D10
D11 D12 D13
D14 D15
S
P
Data Byte 1 (From Device N)
D0
D1
D2
D3
D4
D5
D6
D7
Register Pointer Phase
S
P
1
0
1
0
1
1
0
0
7ms
1.5 Bd
7ms
1.5 Bd
S
P
Data Byte 2 (From Device N - 1)
D8
D9
D10
D11 D12 D13
D14 D15
S
P
Data Byte 1 (From Device N - 1)
D0
D1
D2
D3
D4
D5
D6
D7
7ms
S
P
Data Byte 2 (From Device N - 2)
D8
D9
D10
D11 D12 D13
D14 D15
S
P
Data Byte 1 (From Device N - 2)
D0
D1
D2
D3
D4
D5
D6
D7
7ms
S
P
Data Byte 2 (From Device 1)
D8
D9
D10
D11 D12 D13
D14 D15
S
P
Data Byte 1 (From Device 1)
D0
D1
D2
D3
D4
D5
D6
D7
1.5 Bd
1.5 Bd
1
0
1
0
1
0
1
0
Calibration Byte (55h)
S
P
1
0
A0
A1
A2
A3
A4
S
P
P0
P1
P2
P3
0
0
1
1
0
G/nI R/nW C/nA
Command and Address Phase
S
P
Data Byte 2
D8
D9
D10 D11 D12 D13
D14 D15
S
P
Data Byte 1
D0
D1
D2
D3
D4
D5
D6
D7
Register Pointer Phase
P
S
P
Calibration Byte (55h)
S
P
0
1
A0
A1
A2
A3
A4
0
G/nI R/nW C/nA
Command and Address Phase
S
P
Data Byte 2
D8
D9
D10 D11 D12 D13 D14 D15
S
P
Data Byte 1
D0
D1
D2
D3
D4
D5
D6
D7
S
P
7ms
1.5 Bd
1
0
1
0
1
0
1
0
S
P
P0
P1
P2
P3
0
1
0
1
Register Pointer Phase
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
7.3.3.2.2.2
Individual Read
Use the individual read operation to read the value of a register in a single device in the daisy chain, as shown in
Figure 27. There is delay of up to 1.5 baud before the device responds back to the host. The host reads the data
from the device by synchronizing to the falling edge of the start bit.
Figure 27. Individual Read Address Operation
7.3.3.2.2.3
Global Write
Use the global write operation to write data to a specific register in multiple parts. The sequence of the
communication is shown in Figure 28. Data in this operation are written to the registers in all the devices from the
first device to the address specified in the address field of the command and address phase.
Figure 28. Global Write Operation
7.3.3.2.2.4
Global Read
Use the global read address operation to read the value of the register pointed to by the Register Pointer Phase
section. The daisy chain returns data starting from the address specified in the command or address phase, and
ending with the address of the first device in the daisy chain. The data phase of the global read address
operation is different from other address operations because the data phase consists of data read back from
every device on the bus between the addressed device and first device, as shown in Figure 29. If the address
specified exceeds the address of the last device, the operation halts and the bus times out after 35 ms. There is
a delay of up to 1.5 baud before the devices respond back to the host. The host reads the data from the devices
by synchronizing to the falling edge of the start bits.
Figure 29. Global Read Operation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com