Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments TMP107 Datasheet HTML 22Page - Texas Instruments TMP107 Datasheet HTML 23Page - Texas Instruments TMP107 Datasheet HTML 24Page - Texas Instruments TMP107 Datasheet HTML 25Page - Texas Instruments TMP107 Datasheet HTML 26Page - Texas Instruments TMP107 Datasheet HTML 27Page - Texas Instruments TMP107 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
7.6.2 Configuration Register (address = 1h) [reset = A000h]
The configuration register is a read and write register used to store bits that control the part operation. The
format and power-up or reset value of the configuration register for the TMP107 is shown in Figure 32 and
Table 5. When the NUS bit is 0, all writes to this register are stored in register logic. When NUS is 1, then all
writes to this register program the EEPROM location that stores the configuration bits. Writes to this location are
followed by a 16-ms wait period for programming the EEPROM. When the configuration register is written, the
current conversion is aborted and new action is taken based on the new written bits. Thus, if the TMP107 is put
into shutdown, the device goes into shutdown immediately. If the conversion rate is changed, any ongoing
conversion is aborted and a new conversion starts with the new conversion rate.
Figure 32. Configuration Register
15
14
13
12
11
10
9
8
CR2
CR1
CR0
OS
SD
FH1
FL1
T1/A1
R/W-5h
R/W-0h
R/W-0h
R-0h
R-0h
R/W-0h
7
6
5
4
3
2
1
0
POL1
FH2
FL2
T2/A2
POL2
Reserved
RST
Reserved
R/W-0h
R-0h
R-0h
R/W-0h
R/W-0h
R-0h
W-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; W = Write only; -n = value after reset
Table 5. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
CR2-CR0
R/W
5h
Conversion rate.
The conversion rate bits control the update rate of the analog-to-digital converter
(ADC). Table 6 describes the relationship between the values of the conversion rate
bits and the corresponding conversion time and average quiescent current. These
bits only affect continuous-conversion mode and not one-shot mode.
12
OS
R/W
0h
One-shot mode.
0: Default.
1: Starts a single temperature conversion if the SD bit is set to 1. The TMP107
returns to the shutdown state at the completion of the single conversion. When the
configuration register is read, OS always reads zero.
11
SD
R/W
0h
Shutdown mode.
0: The TMP107 is in continuous-conversion mode.
1: The TMP107 is in shutdown mode. Initiate a conversion by writing a 1 to the OS
bit.
10
FH1
R
0h
High limit 1 flag.
0: Indicates that the temperature result does not exceed high limit 1.
1: Indicates when the temperature result exceeds high limit 1.
9
FL1
R
0h
Low limit 1 flag. In therm mode, this bit is not used and always reads 0.
0: In alert mode, this bit indicates that the temperature result is greater than low limit
1.
1: In alert mode, this bit indicates when the temperature result is less than low limit 1.
8
T1/A1
R/W
0h
Alert and therm mode 1.
0: Alert mode: In this mode, the high limit 1 and low limit 1 form a window. If the
temperature result is greater than high limit 1 or less than low limit 1, the respective
flag (either FH1 or FL1) is asserted. After the flag is asserted, clear the flag by
reading the configuration register.
1: Therm mode: In this mode, the limits are used to form an upper limit threshold
detector. If the temperature result is greater than high limit 1, the FH1 flag is
asserted. The FH1 flag is then deasserted only after the temperature drops below
low limit 1. In therm mode, only the FH1 flag is active. The FL1 flag always reads 0.
In this mode, the flags are asserted and deasserted only at the end of a conversion
and cannot be cleared by a configuration register read.
7
POL1
R/W
0h
0: Polarity of the ALERT1 pin is active low.
1: Polarity of the ALERT1 pin is active high.
6
FH2
R
0h
High limit 2 flag.
0: Indicates that the temperature result does not exceed high limit 2.
1: Indicates when the temperature result exceeds high limit 2.
5
FL2
R
0h
Low Limit 2 Flag. In therm mode, this bit is not used and always reads 0.
0: In alert mode, this bit indicates that the temperature result is greater than low limit
2.
1: In alert mode, this bit indicates when the temperature result is less than low limit 2.
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com