Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 16Page - Texas Instruments TMP107 Datasheet HTML 17Page - Texas Instruments TMP107 Datasheet HTML 18Page - Texas Instruments TMP107 Datasheet HTML 19Page - Texas Instruments TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments TMP107 Datasheet HTML 22Page - Texas Instruments TMP107 Datasheet HTML 23Page - Texas Instruments TMP107 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Continuous-Conversion Mode
Continuous conversion is the default operating mode for the TMP107. In continuous-conversion mode, the
TMP107 continuously measures temperature (see Table 6). After each temperature conversion, the temperature
register updates with the conversion result, and the configuration register updates with the alert flags.
7.4.2 Shutdown Mode
Shutdown mode minimizes power dissipation because the TMP107 shuts down all of the internal active circuitry
except for those that are required to allow communication with the device. During shutdown mode, all registers
can be read from or written to. To trigger a single temperature conversion in shutdown mode, issue a one-shot
command (see the One-Shot Mode section for more details). When the conversion is complete, the TMP107
returns to shutdown mode.
7.4.3 One-Shot Mode
One-shot mode triggers single temperature measurements by writing a 1 to OS (bit 12 in the configuration
register) when the device is in shutdown mode. Following the completion of the single temperature conversion,
the TMP107 returns to shutdown mode. Reading the OS bit always results in a 0. Use one-shot mode to achieve
the lowest power consumption. For highest power savings and accuracy, do not communicate through the I/O
bus during this mode.
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com