Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 27Page - Texas Instruments TMP107 Datasheet HTML 28Page - Texas Instruments TMP107 Datasheet HTML 29Page - Texas Instruments TMP107 Datasheet HTML 30Page - Texas Instruments TMP107 Datasheet HTML 31Page - Texas Instruments TMP107 Datasheet HTML 32Page - Texas Instruments TMP107 Datasheet HTML 33Page - Texas Instruments TMP107 Datasheet HTML 34Page - Texas Instruments TMP107 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
GND
V+
I/O1
I/O2
Sensor 1
R1
ALERT1
R2
ALERT2
TMP107
TX
RX
UART
100
4.1 k
10
1.7 V to 5.5 V
V+
GND
7
1
3
5
Sensor 2
TMP107
2
6
8
4
GND
V+
I/O1
I/O2
R1
ALERT1
R2
ALERT2
0.1 F
MCU
7
1
3
5
2
6
8
4
Switch / Control / LED
Switch / Control / LED
GND
V+
I/O1
7
1
I/O2
3
5
Sensor 1
R1
ALERT1
R2
ALERT2
TMP107
TX
RX
UART
100
4.1 k
10
1.7 V to 5.5 V
2
6
8
4
V+
GND
Sensor 2
TMP107
Sensor N
TMP107
GND
V+
I/O1
I/O2
R1
ALERT1
R2
ALERT2
GND
V+
I/O1
I/O2
R1
ALERT1
R2
ALERT2
ALERT1
ALERT2
INT2
INT1
MCU
7
1
3
5
2
6
8
4
7
1
3
5
2
6
8
4
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
Typical Applications (continued)
8.2.2 Connecting ALERT1 and ALERT2 Pins
As described in the ALERT1, ALERT2, R1, and R2 Pins section, the TMP107 contains internal 100-k
Ω pullup
resistors connected between pins ALERT1 and R1, and pins ALERT2 and R2. Connect R1 and R2 to V+ in order
to enable the internal pullup resistors. Figure 42 shows a schematic example of how to connect these pins for
multiple TMP107 devices in a daisy-chain configuration.
Figure 42. Connecting ALERT1 and ALERT2 Pins
8.2.3 ALERT1 and ALERT2 Pins Used as General-Purpose Output (GPO)
The TMP107 alert pins are also used as a GPO to control external switches or LEDs. This feature is useful in
applications wherein the wiring between general-purpose output lines from the microcontroller or host to a control
switch or LED can be eliminated by communicating through the I/O pins of TMP107. To configure the ALERTx
pins as a GPO, program the high-limit register to the highest temperature (7FFCh) and the low-limit register to
the lowest temperature (8000h). This programming disables the ALERTx pins from performing high- and low-limit
temperature controls. The configuration register polarity bits (POL1 and POL2) are used to toggle the ALERTx
pin output. The ALERTx pins are open-drain outputs; therefore, make sure the R1 and R2 pins are connected to
the supply voltage, as shown in Figure 43.
Figure 43. ALERT1 and ALERT2 Pins Used as General-Purpose Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com