Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 14Page - Texas Instruments TMP107 Datasheet HTML 15Page - Texas Instruments TMP107 Datasheet HTML 16Page - Texas Instruments TMP107 Datasheet HTML 17Page - Texas Instruments TMP107 Datasheet HTML 18Page - Texas Instruments TMP107 Datasheet HTML 19Page - Texas Instruments TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments TMP107 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Calibration Byte (55h)
S
P
0
0
A0
A1
A2
A3
A4
S
P
0
G/nI R/nW C/nA
Command and Address Phase
S
P
Data Byte 2
D8
D9
D10
D11 D12 D13 D14 D15
S
P
Data Byte 1
D0
D1
D2
D3
D4
D5
D6
D7
Register Pointer Phase
0
1
0
1
P0
P1
P2
P3
P
S
P
1
0
1
0
1
0
1
0
S
P
1
0
1
1
0
1
0
1
G/nI R/nW C/nA AC0 AC1 AC2 AC3 AC4
1
0
1
0
1
0
1
0
S
P
S
P
1
1
0
1
0
1
0
1
G/nI R/nW C/nA AC0 AC1 AC2 AC3 AC4
S
P
Address Response Byte from Sensor N
1
0
1
A0
A1
A2
A3
A4
S
P
1
0
0
1
0
1
0
1
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
7.3.3.2.1.2
Last Device Poll
When the host issues a last-device-poll command, the last sensor on the initialized daisy chain responds back
with the last device address, as shown in Figure 24. The last-device-poll command is also used to check if the
daisy-chain address set is intact. If the daisy chain is not intact, the host does not receive a response to the last-
device-poll command. This command only works if the last device in the chain was the last device during
initialization. For example, if there are ten devices in the chain during address initialization and two devices are
removed, running this command does not provide the host with the address of device eight. Device eight was not
the last device during chain initialization, so it cannot report that device eight is the last device in the chain. In
this example, the command is not answered.
Figure 24. Last-Device-Poll Command
7.3.3.2.1.3
Global Software Reset
Use the global-software-reset command to issue a software reset to the chain in order for the devices to load the
power-on reset values from EEPROM and clear the temperature result register. This command performs the
same function as writing a 1 to RST (bit 1 in the configuration register). The sequence of this command is shown
in Figure 25.
Figure 25. Global Software Reset Command
7.3.3.2.2
Address Operations
7.3.3.2.2.1
Individual Write
Use the individual write operation to write data to a specific register in a specific device in the daisy chain, as
shown in Figure 26.
Figure 26. Individual Write Operation
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com