Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 13Page - Texas Instruments TMP107 Datasheet HTML 14Page - Texas Instruments TMP107 Datasheet HTML 15Page - Texas Instruments TMP107 Datasheet HTML 16Page - Texas Instruments TMP107 Datasheet HTML 17Page - Texas Instruments TMP107 Datasheet HTML 18Page - Texas Instruments TMP107 Datasheet HTML 19Page - Texas Instruments TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
S
P
Calibration Byte (55h)
Command Phase
1
1
0
0
1
0
0
1
AC0
AC1
AC2 AC3 AC4
Address Assign Byte
A0
A1
A2
A3
A4
G/nI R/nW C/nA
Address Response Byte from Sensor 1
1
1
0
0
1
0
1
0
S
P
S
P
1
0
1
A0
A1
A2
A3
A4
7ms
7 ms
S
P
1
1
0
Address Response Byte from Sensor 2
S
P
1
0
1
A0
A1
A2
A3
A4
7ms
7 ms
Address Response Byte from Sensor N
S
P
1
0
1
A0
A1
A2
A3
A4
7ms
7 ms
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
7.3.3.2 SMAART Wire Operations
This section describes various types of communication operations and is illustrated with timing diagrams. The
diagrams in this section are used only to understand functional aspects of the communication; for timing aspects,
see the Timing Requirements table. The color of the phases in Figure 23 through Figure 29 indicates the
direction of the communication. The communication phases marked in black indicate the host controller is driving
the bus. The communication phases marked in red indicate one of the devices in the daisy chain is responding to
the host by driving the bus. The device communicates to the host controller through intermediate devices. The
intermediate devices are automatically configured as buffers to allow data to pass through from the I/O2 pin to
the I/O1 pin, and vice versa.
7.3.3.2.1
Command Operations
7.3.3.2.1.1
Address Initialize
The address-initialize command initializes the addresses of the devices in the daisy chain. This command must
be performed one time because the addresses are stored in the devices EEPROM and loaded on every reset
event.
After the address-initialize command phase, the host provides one word of address-assign, command-byte data,
as shown in Figure 23. This word contains the desired address of the first device on the daisy chain in the A4:A0
field. Although any value from 0 to 31 is allowed for this field, it is recommended to keep first device address at
01h. The last device address must never exceed 31. After the address-assign command bytes have been
transmitted by the host, the daisy chain goes through a sequence of position detection and self-programming
events where the devices in the chain identify their respective locations on the bus. During this process, the host
receives incremental address response data from the individual TMP107 devices in the daisy chain that indicate
the point in the chain up to which the address assignment has been completed. These responses arrive at
intervals of 7 ms. This procedure is represented in Figure 23.
Figure 23. Address-Initialize Command
Until the initialization process is completed, daisy-chain communication is directed toward the host. Do not send
any new commands to the chain during this period. If the address initialization sequence is interrupted as a result
of glitches or disconnects in the daisy chain, the devices stall communication. In the event of a stall, each device
has an internal timeout of one second (only for the address-initialize command). After one second, the
communication interface in the TMP107 device resets, and the host regains control of the chain. Float the I/O2
pin of the last device in the chain. The address initialization procedure occurs serially from one device to the
next; therefore, the maximum current consumed by the chain must not exceed the current required to initialize
one device.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com