Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 28Page - Texas Instruments TMP107 Datasheet HTML 29Page - Texas Instruments TMP107 Datasheet HTML 30Page - Texas Instruments TMP107 Datasheet HTML 31Page - Texas Instruments TMP107 Datasheet HTML 32Page - Texas Instruments TMP107 Datasheet HTML 33Page - Texas Instruments TMP107 Datasheet HTML 34Page - Texas Instruments TMP107 Datasheet HTML 35Page - Texas Instruments TMP107 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Supply Bypass
Capacitor
V+
R1
ALERT2
I/O2
R2
ALERT1
GND
I/O1
GND
I/O2
GND
I/O1
V+
PCB border
Capacitor
V+
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
9 Power Supply Recommendations
The TMP107 device operates with a power supply in the range of 1.7 V to 5.5 V. The device is optimized for
operation at a 3.3-V supply, but measures temperature accurately for the full supply range. For best
performance, use a 0.1-µF power-supply bypass capacitor. Place the bypass capacitor as close as possible to
the supply and ground pins of the device. Applications with noisy or high-impedance power supplies may require
additional bypass capacitors to reject power-supply noise.
10 Layout
10.1 Layout Guidelines
Mount the TMP107 to a PCB as shown in Figure 44. Obtaining acceptable performance with alternate layout
schemes is possible, however this layout produces good results and is intended as a guideline.
•
Bypass the V+ pin to ground with a low-ESR ceramic bypass-capacitor. The typical recommended bypass
capacitance is a 0.1-
μF ceramic capacitor with a X5R or X7R dielectric. The optimum placement is closest to
the V+ and GND pins of the device. Take care to minimize the loop area formed by the bypass-capacitor
connection, the V+ pin, and the GND pin of the IC.
•
Use larger copper area pads to reduce self-heating and lower thermal resistance to the environment.
•
If possible, use PCB boards with thick copper layers.
•
If possible, do not use stain to protect the IC because stain can increase thermal resistance.
10.2 Layout Example
Figure 44. Layout Example
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com