Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  FRDM-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
Freescale Semiconductor, Inc.
3
Safety information
2.2
Regulatory approval for Canada (IC RSS 210)
This equipment complies with Industry Canada license-exempt RSS standard(s). Operation is subject to
these two conditions:
1. This board must not cause interference.
2. This board must accept any interference, including interference that may cause undesired operation
of the device.
2.2.1
26 PART 5—Appendix
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de
licence. L'exploitation est autorisée aux deux conditions suivantes:
1. l'appareil ne doit pas produire de brouillage, et
2. l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage
est susceptible d'en compromettre le fonctionnement.
2.3
Electrostatic discharge considerations
Although the damage from electrostatic discharge (ESD) is much less common on these devices when
compared to the early CMOS circuits, use standard handling precautions to avoid exposure to static
discharge. Qualification tests are performed to ensure that these devices can withstand exposure to
reasonable levels of static without suffering any permanent damage.
All ESD testing must conform to the JESD22 Stress Test Qualification for Commercial Grade Integrated
Circuits. During the device qualification, ESD stresses were performed for the Human Body
Model (HBM), the Machine Model (MM), and the Charge Device Model (CDM).
All latch-up test testing must conform to the JESD78 IC Latch-Up Test.
When operating or handling the development boards or components, Freescale strongly recommends
using at least grounding wrist straps, plus any (or all) of these ESD dissipation methods:
Flexible fabric, solid fixed size, or disposable ESD wrist straps.
Static control workstations, static control monitors and table or floor static control systems.
Static control packaging and transportation materials and environmental systems.
2.4
Disposal instructions
This product may be subject to special disposal requirements. For product disposal instructions,
see freescale.com/productdisposal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com