Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
10
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
This figure shows the footprint of the FRDM-KW40Z board with the board dimensions:
Figure 5. FRDM-KW40Z board dimensions
4.1.3
Board level specifications
Table 1. FRDM-KW40Z board specifications
Parameter
Min
Typ
Max
Units
Notes/Conditions
General
Size (PCB: X, Y)
81.2
53.3
3.20
2.10
mm
inches
Layer build (PCB)
1.57
0.062
—mm
inches
Four-layer
Dielectric material (PCB)
FR4
Power
Current consumption
mA
See the data sheet
Temperature
Operating temperature (see note)
-40
+25
+70
°C
Operating temperature is limited to +70 °C due
to switches. Basic circuit handles a maximum
temperature of +85 °C.
Storage temperature
-30
+25
+70
°C
RF
802.15.4 frequency range
2405
2480
MHz
All 16 channels in the 2450 MHz band
RF
BLE frequency range
2400
2480
MHz
All 40 channels in the 2450 MHz band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com