Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
20
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
4.2.4.3
Buzzer
Component BZ500 is is a piezoelectric transducer (MPN: AST1109MLTRQ). Use the buzzer for sound
applications. Figure 17 shows the buzzer circuit. PWM signal is required to enable the buzzer.
The buzzer power supply is P3V3_BRD.
The resonant frequency is 4.0 kHz.
Buzzer is driven by Q1 and MCU output PTB3 signal.
The driven signal can be shared with other peripherals through the J1 pin 16.
Figure 17. Buzzer circuit
4.2.4.4
Potentiometer (ADC interface)
Use the 5 kpotentiometer (R67) for ADC verification and applications. Figure 18 shows the
potentiometer circuit.
The POT power supply can be either the P3V3 or V_BATT for the input source.
A single-turn potentiometer is provided.
Signal is routed through ADC0_SE.
The ADC trace can be shared with other peripherals through the J4 pin 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com