Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 26Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 27Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 28Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 29Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 30Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 31Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 32Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 33Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
30
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
25
1
D11
VSMB2948SL LED IR RA 100mA 1.35V 940NM SMD VISHAY
INTERTECHNOLOGY
VSMB2948SL
26
1
J2
CON_2x10
CON 2x10 FEMALE 100MIL SP 335H
394LL AU
MTCONN
JT254F-D180-850-210-10
D
27
2
J1,J3
CON_2X8
CON 2x8 FEMALE 100MIL SP 335H
394LL AU
MTCONN
JT254F-D180-850-208-10
D
28
9
J8,J20,J21,J27,J2
8,J29,J30,J31,J33
HDR 1X2
HDR 1X2 TH 2MM SP 217H AU 110L
SAMTEC
TMM-102-02-G-S
29
1
J5 DNP
SMA
CON, SMA, EDGE 0.062IN, 50
FEMALE 18 GHZ
EMERSON
CONNECTIVITY
142-0701-851
30
1
J6
USB_MICRO_
AB
CON 5
USB_MICRO_AB_RECEPTACLE RA
SKT SMT 0.65MM SP 122H AU
MOLEX
475900001
31
2
J9, J11
HDR 2X5
HDR 2X5 TH 50MIL CTR 167H AU 91L ANYTRONIC
0922S0205011N6T-2LF
32
1
J12 DNP
HDR 1X2
HDR 1X2 TH 2MM SP 217H AU 110L
SAMTEC
TMM-102-02-G-S
33
3
J13,J14,J25 DNP
HDR 1X2
HDR 1X2 TH 2MM SP 217H AU 110L,
NO PART TO ORDER
——
34
3
J15,J23,J24
HDR_1X3
HDR 1X3 TH 2MM SP 217H AU 110L
SAMTEC
TMM-103-02-G-S
35
3
J16,J17,J22
HDR 2X3
HDR 2X3 TH 2MM CTR 217H AU 110L SAMTEC
TMM-103-02-G-D
36
1
J18
HDR 2X2
HDR 2X2 TH 2MM CTR 217H AU 110L SAMTEC
TMM-102-02-G-D
37
1
J19
HDR 1X2 TH HDR 1X2 TH 100MIL SP 339H AU 98L SAMTEC
TSW-102-07-G-S
38
1
J4
CON_2X6
CON 2x6 FEMALE 100MIL SP 335H
394LL AU
MTCONN
JT254F-D180-850-206-10
D
39
1
J26 DNP
HDR_1X3
HDR 1X3 TH 100MIL SP 330H AU 98L SAMTEC
HTSW-103-07-S-S
40
4
LED1,LED2,
LED3,LED4
RED
LED RED CLEAR SGL 30MA SMT
0805
LITE ON
LTST-C171KRKT
41
1
LED5
BLUE
LED BLUE SGL 20MA SMT 0805
LITE ON
LTST-C171TBKT
42
1
LED6
GREEN
LED GRN SGL 30MA SMT 0805
LITE ON
LTST-C171KGKT
43
2
L1,L2
330 W
IND FER BEAD 330
@100MHZ 1.7A
0603
TDK
MPZ1608S331A
44
1
L3
10uH
IND WW FER 10uH@1MHz 0.99A 20%
4012
TDK
VLS4012ET-100M
45
1
L4 DNP
2.4nH
IND—0.0024UH@100MHZ 300MA
0.0003UH 0402
MURATA
LQG15HN2N4S02D
46
1
L5
100 nH
IND -- 0.1uH@100MHZ 200MA 5%
0402
TDK
MLG1005SR10JT000
47
1
L6
10nH
IND—0.010uH@100MHZ 350MA 5%
0402
TDK
MLK1005S10NJT000
48
2
Q1,Q2
MMBT3904LT
1G
TRAN NPN GEN 200MA 40V SOT-23
ON SEMICONDUCTOR
MMBT3904LT1G
49
1
R1
100
RES MF 100
 1/16W 5% 0402
VENKEL COMPANY
CR040216W101JT
50
11 R3,R4,R5,R8,
R36,R50,R73,
R502,SH18,
SH19,SH502 DNP
0
RES MF ZERO OHM 1/16W 5% 0402
ROHM
MCR01MZPJ000
Table 6. Bill of materials (common parts for all frequency bands) (Sheet 2 of 5)
Item Qty
Reference
Value
Description
Mfg. name
Mfg. part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com