Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 28Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 29Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 30Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 31Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 32Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 33Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 34Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 35Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
32
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
71
3
SH500,SH501,
SH503
0
ZERO OHM CUT TRACE 0603 PADS;
NO PART TO ORDER
——
72
4
SW3,SW4,SW5,
SW6
TL1015AF160
QG
SW SPST PB 50MA 12V SMT
E SWITCH
TL1015AF160QG
73
2
SW1,SW2
3x3mm
CAPACITIVE SINGLE ELECTRODE
3X3MM SQUARED ROUNDED
CORNERS (NOT A PART TO ORDER)
——
74
36 TP2,TP3,TP4,
TP14,TP19,
TP20,TP22,
TP29,TP30,
TP36,
TP500-534,
TP536,
TP540-543
TPAD_030
TEST POINT PAD 30MIL DIA SMT,
NO PART TO ORDER
——
75
21 TP3,TP4,TP21,
TP25,TP26,TP28,
TP30,TP507,
TP513,TP518,
TP524,TP530,
TP531,TP533,
TP534,TP535,
TP536,TP537,
TP538,TP539,
TP544
TPAD_040
TEST POINT PAD 40MIL DIA SMT,
NO PART TO ORDER
——
76
1
TP31
TESTLOOP_
BLACK
TEST POINT PC MULTI PURPOSE
BLK TH
KEYSTONE
ELECTRONICS
5011
77
2
TVS1,TVS2 DNP
PGB2010402
KRHF
DIODE ESD SUPPRESSOR
BIDIR—12V 0402
LITTELFUSE
PGB2010402KRHF
78
3
U1,U2,U6
0402ESDA-M
LP
DIODE TVS BIDIR—30V 0402
COOPER BUSSMANN
0402ESDA-MLP1
79
1
U4
AT45DB021E IC MEM SPI SERIAL 2MBIT FLASH
85MHZ 1.65-3.6V UDFN8
ADESTO
TECHNOLOGIES
AT45DB021E-MHN2B-T
80
5
U5,U13,U14,
U15,U16
74LVCH1T45 IC XCVR 1BIT 3-STATE DUAL
1.2–5.5V XSON6
NXP
SEMICONDUCTORS
74LVCH1T45GM,132
81
1
U7
MK20DX128V
FM5
IC MCU FLASH 128KB 50MHZ
1.71–3.6V QFN32
FREESCALE
SEMICONDUCTOR
MK20DX128VFM5
82
1
U8
74LVC2T45G
M,125
IC XCVR DUAL SUPPLY 1.2–5.5V
XQFN8
NXP
SEMICONDUCTORS
74LVC2T45GM,125
83
1
U9
FXOS8700CQ IC ACCELEROMETER AND
MAGNETOMETER SENSOR 3-AXIS
2.5V QFN16
FREESCALE
SEMICONDUCTOR
FXOS8700CQ
84
1
U10
MIC2005-0.8Y
M6
IC LIN SW PWR 0.8A 2.5-5.5V
SOT23-6
MICREL
MIC2005-0.8YM6
85
1
U11
NLX2G14
IC INV DUAL SCHMITT TRIGGER
1.65-5.5V ULLGA6
On Semiconductor
NLX2G14AMX1TCG
86
1
U12
TXB0104
IC VXLTR 4BIT BIDIRECTIONAL
1.2-3.6V/1.65-5.5V QFN14
TEXAS INSTRUMENTS
TXB0104RGYRG4
87
1
U17
NCP1117ST3
3T3G
IC VREG LDO 1A 3.3V SOT223
ON Semiconductor
NCP1117ST33T3G
88
1
U18
MKW40Z160V
HT4
IC MCU XCVR 2.4GHZ BLUETOOTH
LOW ENERGY MAPLGA64
FREESCALE
SEMICONDUCTOR
MKW40Z160VHT4
Table 6. Bill of materials (common parts for all frequency bands) (Sheet 4 of 5)
Item Qty
Reference
Value
Description
Mfg. name
Mfg. part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com