Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
16
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
The DC-DC power configuration headers provide the DC-DC modes, and can be easily modified for the
desired mode. The connection configurations are described in Table 3:
NOTE
When configuring the Buck mode, SWD connector does not support J-Link
Lite. J-Link BASE is required. It is due to the 1.8 V operating mode.
Table 2. Power distribution headers
Supply
designation
Header
pins
Description
P3V3_BRD
J8
1-2
Supply voltage to board peripherals
• Normally jumpered
• Jumper used to enable sensor, external flash memory, and buzzer on
board
• Leave open for lowest power
• Usage—measure the current or breakout for current consumption
P3V3_LED_PWR
J20
1-2
Supply voltage to power LED
• Normally jumpered
• Jumper used to enable green power LED on board
• Leave open for lowest power
• Usage—measure the LED current
V_MCU
J21
1-2
Supply voltage to MKW40Z SoC
• Normally jumpered
• Powers the MKW40Z SoC and transceiver
• Usage—measure or supply the MCU and radio current
Table 3. DC-DC power distribution headers
DC-DC mode
Reference
designator and
header pins
Description
Bypass
J18 1-2
J16 1-2
J17 3-4
J22 1-3, 2-4
Supply voltage to power Bypass mode
• Normally jumpered as primary mode
• Power level range 1.8 V–3.6 V
Buck
J18 2-4
J16 5-6
J17 3-4
J22 3-5
Supply voltage to power Buck mode
• Alternative configuration, related to Coin cell option
• Power level range 1.8 V–4.2 V
• DC-DC converter requires at least 2.1 V to start; the supply can drop to 1.8 V after
the DC-DC converter settles
Buck
Auto-Start
J18 2-4
J16 3-4
J17 3-4
J22 3-5
Supply voltage to power Buck Auto-Start mode
• Alternative configuration, related to Coin cell option
• Power level range 1.8 V–4.2 V
• DC-DC converter requires at least 2.1 V to start; the supply can drop to 1.8 V after
the DC-DC converter settles
Boost
J18 2-4
J16 3-4
J17 1-2, 5-6
J22 3-5
Supply voltage to power Boost mode
• Alternative configuration, related to single battery option
• Power level range 0.9 V–1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com