Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
Freescale Semiconductor, Inc.
7
FRDM-KW40Z overview and description
3.3
Serial and Debug Adapter
The FRDM-KW40Z development board includes OpenSDA v2.1-a serial and debug adapter circuit that
includes an open-source hardware design, an open-source bootloader, and debug interface software. It
bridges serial and debug communications between a USB host and an embedded target processor as shown
in Figure 3. The hardware circuit is based on a Freescale Kinetis K20 family microcontroller (MCU) with
128 KB of embedded flash and an integrated USB controller. OpenSDAv2.1 comes preloaded with the
CMSIS-DAP bootloader - an open-source mass storage device (MSD) bootloader and the CMSIS-DAP
Interface firmware (aka mbed interface), which provides a MSD flash programming interface, a virtual
serial port interface, and a CMSIS-DAP debug protocol interface.
For more information on the OpenSDAv2.1 software, see mbed.org and
https://github.com/mbedmicro/CMSIS-DAP.
Figure 3. OpenSDAv2.1 high-level block diagram
OpenSDAv2.1 is managed by a Kinetis K20 MCU built on the ARM Cortex-M4 core. The OpenSDAv2.1
circuit includes a status LED (D2) and a pushbutton (SW6). The pushbutton asserts the Reset signal to the
MKW40Z target MCU. It can also be used to place the OpenSDAv2.1 circuit into bootloader mode. UART
and GPIO signals provide an interface to either the SWD debug port or the K20. The OpenSDAv2.1 circuit
receives power when the USB connector J6 is plugged into a USB host.
3.3.1
Virtual serial port
A serial port connection is available between the OpenSDAv2.1 MCU and pins PTC6 and PTC7 of the
MKW40Z.
NOTE
To enable the Virtual COM, Debug, and MSD features, mbed drivers must
be installed. Download the drivers at
https://developer.mbed.org/handbook/Windows-serial-configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com