Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
8
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
4
FRDM-KW40Z development board
4.1
FRDM-KW40Z board overview
The FRDM-KW40Z board is an evaluation board based on Freescale MKW40Z transceiver, and it
provides a platform to evaluate the MKW40Z SoC device and to develop software and applications. The
core device is accompanied by a 32 MHz reference oscillator crystal, RF circuitry (including antenna), and
supporting circuitry.
The FRDM-KW40Z board is intended as the core PCB for MKW40Z device evaluation and application
development, and can be used in the following modes:
Simple standalone evaluation platform.
Daughter card for other Freedom development platform boards.
Mother card for application-specific daughter cards, such as a shield card.
4.1.1
PCB features
The FRDM-KW40Z board has these features:
The Freescale Freedom development board form factor.
Four-layer, metal, 0.062 inches thick FR4 board.
LGA footprint and power supply (DC-DC converter).
DC-DC converter with Buck, Boost, and Bypass operation modes.
Printed-metal F-Antenna or SMA connector (for conducted measurements).
32 MHz reference oscillator crystal.
32.768 kHz crystal provided for optional timing oscillator.
Standard Freedom daughter card mounting interface (shield).
External serial flash memory for OTAP support.
Combo sensor—six-axis sensor with integrated linear accelerometer and magnetometer.
4.1.2
Form factor
Figure 4 shows the FRDM-KW40Z board with the location of the I/O headers. This list provides the
details:
J1, J2, J3, and J4:
— Headers have standard 0.1 in/2.54 mm pin spacing.
— J2 is 20-pin.
— J1 and J3 are 16-pin.
— J4 is 12-pin.
— All pin headers mounted on the top side of the FRDM-KW40Z board are intended for plugging
into matching receptacles on the Freedom platform development board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com