Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW40Z Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
12
Freescale Semiconductor, Inc.
FRDM-KW40Z development board
4.2
Functional description
The FRDM-KW40Z board is built around Freescale MKW40Z SoC in a 48-pin LGA package. It features
an IEEE Std. 802.15.4 and BLE 2.4 GHz radio frequency transceiver and a Kinetis family ultra-low-power,
mixed-signal ARM Cortex-M0+ MCU in a single package. This board is intended as a simple evaluation
platform and as a building block for application development. The four-layer board provides the MKW40Z
SoC with its required RF circuitry, 32 MHz reference oscillator crystal, and power supply with a DC-DC
converter including Bypass, Buck, and Boost modes. The layout for this base-level functionality can be
used as a reference layout for your target board. This figure shows a simple functional block diagram:
Figure 6. FRDM-KW40Z board functional block diagram
4.2.1
RF performance and considerations
The FRDM-KW40Z board’s integrated transceiver includes a 1 mW nominal output power PA with
internal Voltage-Controlled Oscillator (VCO), integrated transmit/receive switch, on-board power supply
regulation, and full spread-spectrum encoding and decoding. The main specifications of the MKW40Z
SoC are:
Nominal output power is set to 0 dBm.
Programmable output power ranges from -20 dBm to +5 dBm at the SMA (no harmonic trap).
Typical sensitivity is -102 dBm (@1 % PER for 25 °C) at the SMA (802.15.4).
Typical sensitivity is -91 dBm (@1 % PER for 25 °C) at the SMA (BLE).
Frequency ranges from 2360 to 2480 MHz.
Differential bidirectional RF input/output port with integrated transmit/receive switch.
“F” printed-metal antenna for a small-footprint, low-cost design.
Minimum number of RF marching components and external 50:100 balun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com