Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 45Page - Silicon Laboratories SI4721 Datasheet HTML 46Page - Silicon Laboratories SI4721 Datasheet HTML 47Page - Silicon Laboratories SI4721 Datasheet HTML 48Page - Silicon Laboratories SI4721 Datasheet HTML 49Page - Silicon Laboratories SI4721 Datasheet HTML 50Page - Silicon Laboratories SI4721 Datasheet HTML 51Page - Silicon Laboratories SI4721 Datasheet HTML 52Page - Silicon Laboratories SI4721 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
AN388
Rev. 0.2
49
5.1. FM Transmit Testing Measurement Considerations
For the power meter measurements, the power loss of the connection between the power meter and TXO on the
RF daughtercard must be calibrated into the measurement. This calibration value should be added to the
measurement values returned from the Power Accuracy and Maximum Output Power measurements.
5.2. FM Transmit Testing Procedures
5.2.1. Maximum Voltage
1.
Connect test equipment as shown in Figure 12.
2.
Configure the transmitter:
a.
Set frequency = 98.1 MHz.
b.
Set Pilot state = ON.
c.
Set (L–R)/2 State = ON.
d.
Set Pre-emphasis = 75 µS.
e.
Set Output Voltage = 115 dBuV.
f.
Set Pilot modulation rate = 6.75 kHz.
g.
Set audio modulation rate = 68.25 kHz.
h.
Set maximum line input voltage = 636 mV.
i.
Set line input attenuation = 60 k
.
j.
Set dynamic range control = OFF.
3.
Configure the power meter:
a.
Zero and calibrate the power sensor.
b.
Set the frequency = 98.1 MHz.
4.
Configure the power supply:
a.
Configure the power supply to output 5 V on channel 2.
b.
Configure the power supply to output 3.3 V on channel 1.
5.
Configure the modulation analyzer output:
a.
Set AF output = unbalanced 1 and 2.
b.
Set AF impedance = 20

c.
Set AF tone 2 state = OFF.
d.
Set AF tone 1 state = ON.
e.
Set AF tone 1 frequency = 1 kHz.
f.
Set AF tone 1 level = 449.65 mVrms for analog audio input or 990 mVrms for digital audio input.
6.
Record measured power Pmeas, dBm.
7.
Maximum Output Voltage (dBµV) = measured power (dBm) + 107 + 27.77 (dB)
*Note: 107 dB is a conversion factor from dBm to dBµV. When using the 2 pF and 50
circuit on the Si471x/2x EVB, 27.7 dB is
a correction factor at 98.1 mHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com