Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 25Page - Silicon Laboratories SI4721 Datasheet HTML 26Page - Silicon Laboratories SI4721 Datasheet HTML 27Page - Silicon Laboratories SI4721 Datasheet HTML 28Page - Silicon Laboratories SI4721 Datasheet HTML 29Page - Silicon Laboratories SI4721 Datasheet HTML 30Page - Silicon Laboratories SI4721 Datasheet HTML 31Page - Silicon Laboratories SI4721 Datasheet HTML 32Page - Silicon Laboratories SI4721 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AN388
Rev. 0.2
29
2.3.16. Stereo Pilot Rejection
A pilot tone is transmitted at 19 kHz to identify stereo broadcast transmissions. In order not to disturb instruments
such as amplifiers and recorders connected to the tuner, the pilot tone and its subcarriers must be sufficiently
suppressed in the tuner. Stereo pilot rejection is the quality criterion of a tuner that is measured as the ratio of
wanted audio frequency voltage to pilot frequency voltage according to the equation:
Pilot Rejection = Vaudio0 (1 kHz) + 20*log (pilot/f) – Vaudio0 (19 kHz)
where
f is FM frequency deviation and pilot is pilot frequency deviation.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration, except for setting in mono operation. Set the tuner in stereo
mode.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = RMS Select.
i.
Set Bandwidth = BP 3%.
ii. Set Units = dBV.
iii. Set Frequency Mode = FIX: 1 kHz.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Set RF level = 60 dBµV.
c. Select Stereo Modulation.
i.
Set FM Deviation = 67.5 kHz.
ii. Set L = R.
iii. Set Source = LFGEN.
iv. Set LFGEN frequency = 1 kHz.
v. Set Pre-emphasis = 75 µs.
vi. Set Pilot = ON.
vii. Set Pilot Deviation = 6.75 kHz.
d. Enable modulation.
e. Enable carrier.
5. Audio 1 kHz level (dBV) = V1kHz.
6. Configure audio analyzer frequency mode = FIX: 19 kHz.
7. Audio 19 kHz level (dBV) = V19kHz.
8. Pilot Rejection (relative to pilot) (dB) = V1kHz – V19kHz + 20*log10 (
pilot/f) = V1kHz – V19kHz – 20.
9. Pilot Rejection (relative to 75 kHz) (dB) = V1kHz – V19kHz + 20*log10 (75 kHz/
f) = V1kHz – V19kHz + 0.91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com