Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 7Page - Silicon Laboratories SI4721 Datasheet HTML 8Page - Silicon Laboratories SI4721 Datasheet HTML 9Page - Silicon Laboratories SI4721 Datasheet HTML 10Page - Silicon Laboratories SI4721 Datasheet HTML 11Page - Silicon Laboratories SI4721 Datasheet HTML 12Page - Silicon Laboratories SI4721 Datasheet HTML 13Page - Silicon Laboratories SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AN388
Rev. 0.2
11
2.2.4. FM Tuner and EVB CODEC/SPDIF Settings in Digital Mode
These settings are only applicable to Si4704/05/2x/3x tuners and their EVBs whenever digital audio output is
selected.
2.2.4.1. Si4704/05/2x/3x/4x Standard Configuration in Digital Audio Output Mode
1. Set frequency = 98.1 MHz.
2. Set stereo blend mono threshold = 127.
3. Set AGC override = Off.
4. Set volume = 63.
5. Set de-emphasis = 75 µs.
6. Set soft mute attenuation = 0.
7. Set digital mono mode enable = On.
8. Set digital format = I2S.
9. Set digital sample precision = 24 bit.
10.Set digital sample rate = 48000.
11. Set CODEC precision = 24 bit.
a. Set CODEC output format = I2S.
b. Set CODEC sampling rate = 48 kHz.
c. Set SPDIF output format = I2S.
2.2.4.2. Other Settings in Digital Audio Output Mode
AGC and RDS settings are the same as analog mode.
To set the stereo mode:
1. Set stereo blend mono threshold = 0.
2. Set stereo blend stereo threshold = 0.
3. Set digital mono mode enable = Off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com