Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 40Page - Silicon Laboratories SI4721 Datasheet HTML 41Page - Silicon Laboratories SI4721 Datasheet HTML 42Page - Silicon Laboratories SI4721 Datasheet HTML 43Page - Silicon Laboratories SI4721 Datasheet HTML 44Page - Silicon Laboratories SI4721 Datasheet HTML 45Page - Silicon Laboratories SI4721 Datasheet HTML 46Page - Silicon Laboratories SI4721 Datasheet HTML 47Page - Silicon Laboratories SI4721 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
AN388
44
Rev. 0.2
4.1.4. Adjacent/Alternate Channel Selectivity
Selectivity measurement in weather band is slightly different than the selectivity measurement in FM band. In
weather band, adjacent channel selectivity is a measure of the capability of the receiver to receive a wanted
modulated signal without exceeding a given degradation due to the presence of an unwanted signal that differs in
frequency from the wanted signal by an amount equal to the adjacent channel separation for which the equipment
is intended. Two generators are setup with the same FM deviation but with two separate modulation frequencies. A
sensitivity measurement is done with the wanted signal only. The unwanted signal is then turned on and its level is
increased until SINAD =12 dB.
1. Connect test equipment as shown in Figure 2.
2. Configure the tuner:
a. Set frequency = 162.4 MHz.
b. Set VOLUME = 63.
3. Configure generator #1:
a. Set carrier frequency = 162.4 MHz.
b. Select FM Modulation.
i.
Set FM Deviation = 3 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
c. Enable modulation.
d. Enable carrier.
4. Make a sensitivity measurement.
5. Record the generator # 1 RF level at sensitivity as VRF0.
6. Increase generator #1 RF level by 3 dB.
7. Configure generator #2:
a. Set carrier frequency = 162.425 MHz (adjacent channel)
b. Select FM Modulation.
i.
Set FM Deviation = 3 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN frequency = 400 Hz.
c. Set RF level = 10 dBµV.
d. Enable modulation.
e. Enable carrier.
8. Adjust generator #2 RF level*, VRF1, until the SINAD is 12 dB.
9. Selectivity (dB) = VRF1 – VRF0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com