Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 41Page - Silicon Laboratories SI4721 Datasheet HTML 42Page - Silicon Laboratories SI4721 Datasheet HTML 43Page - Silicon Laboratories SI4721 Datasheet HTML 44Page - Silicon Laboratories SI4721 Datasheet HTML 45Page - Silicon Laboratories SI4721 Datasheet HTML 46Page - Silicon Laboratories SI4721 Datasheet HTML 47Page - Silicon Laboratories SI4721 Datasheet HTML 48Page - Silicon Laboratories SI4721 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
AN388
Rev. 0.2
45
4.1.5. Audio Band Limits/Audio Frequency Response
The audio frequency response of a tuner is influenced by the quality of the IF section, detector, and de-emphasis
circuit. The tuner has a de-emphasis filter with a 6 dB per octave curve over the audio frequency range of 300 Hz
to 3 kHz. The SML generator only has a pre-emphasis filter for FM band with 75 µs or 50 µs. Since those cannot
be used for the weather band pre-emphasis, a correction will need to be applied to the frequency response results
to account for the lack of pre-emphasis.
1. Connect test equipment as shown in Figure 2.
2. Configure the tuner:
a. Set frequency = 162.4 MHz.
b. Set VOLUME = 63.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = RMS Select.
i.
Set bandwidth = BP 3%.
ii. Set units = dBV.
iii. Set frequency mode = FIX: 1 kHz.
4. Configure generator #1:
a. Set carrier frequency = 162.4 MHz.
b. Set RF level = 60 dBµV.
c. Select FM Modulation.
i.
Set FM Deviation = 3 kHz.
ii. Set source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
d. Enable modulation.
e. Enable carrier.
5. Audio 1 kHz level (dBV) = V1kHz.
6. Configure audio analyzer frequency mode = 300 Hz.
7. Configure generator #1 LFGEN frequency = 300 Hz.
8. Audio 300 Hz level (dBV) = V300Hz.
9. Configure audio analyzer frequency mode = 3 kHz.
10.Configure generator #1 LFGEN frequency = 3 kHz.
11. Audio 3 kHz level (dBV )= V3kHz.
12.Audio frequency response (dB) equals the greater magnitude of (V30Hz – V1kHz – 7.82) and (V15kHz – V1kHz
+ 9.21).
*Note: 7.82 and 9.21 are the correction factors applied to account for the lack of a pre-emphasis filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com