Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 28Page - Silicon Laboratories SI4721 Datasheet HTML 29Page - Silicon Laboratories SI4721 Datasheet HTML 30Page - Silicon Laboratories SI4721 Datasheet HTML 31Page - Silicon Laboratories SI4721 Datasheet HTML 32Page - Silicon Laboratories SI4721 Datasheet HTML 33Page - Silicon Laboratories SI4721 Datasheet HTML 34Page - Silicon Laboratories SI4721 Datasheet HTML 35Page - Silicon Laboratories SI4721 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
AN388
32
Rev. 0.2
3.2. AM/Shortwave/Longwave Tuner Testing Procedures
The following procedures measure analog audio output. All audio measurments can be duplicated for digital audio
output where applicable. For audio analyzer settings in digital mode, refer to Section 6.1.
3.2.1. Sensitivity
Sensitivity of a receiver is a measure of its ability to receive weak signals and produce an audio frequency output of
usable magnitude and acceptable quality. Sensitivities may be defined with respect to many different
characteristics of the output signal. For the purposes of our testing, sensitivity is the minimum RF level required to
produce an audio output with a specified signal-to-noise and distortion ratio, 26 dB. Please note that the sensitivity
measurement is defined with respect to SINAD and not SNR. Descriptions for these two measurements will be
given in the following sections.
1. Connect test equipment as shown in Figures 6 or 7.
2. Configure the tuner:
a. Set frequency = 1 MHz. (10 MHz for shortwave and 216 kHz for longwave.)
b. Set volume = 63.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i.
Set Measurement Mode = SINAD.
ii. Set Unit = dB.
iii. Set Filter = A-weighting.
iv. Set Frequency Limit Low = 300 Hz.
v. Set Frequency Limit High = 15000 Hz.
4. Configure generator #1:
a. Set carrier frequency = 1 MHz. (10 MHz for shortwave and 216 kHz for longwave.)
b. Select AM Modulation.
i.
Set AM Modulation Depth = 30%.
ii. Set source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
c. Enable AM modulation.
d. Enable RF carrier.
5. Disable generator #2.
6. Adjust generator #1 RF level, VRF0, until audio analyzer SINAD = 26 dB ± 1 dB.
7. Sensitivity (µVrms) = VRF0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com