Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories SI4721 Datasheet HTML 16Page - Silicon Laboratories SI4721 Datasheet HTML 17Page - Silicon Laboratories SI4721 Datasheet HTML 18Page - Silicon Laboratories SI4721 Datasheet HTML 19Page - Silicon Laboratories SI4721 Datasheet HTML 20Page - Silicon Laboratories SI4721 Datasheet HTML 21Page - Silicon Laboratories SI4721 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
AN388
18
Rev. 0.2
2.3.7. SINAD
Signal to noise and distortion (SINAD) is similar to signal to noise ratio, but includes distortion and is a ratio of
“signal plus noise plus distortion” to “noise plus distortion.” To make the SINAD measurement, a signal modulated
with an audio tone is entered into the receiver. A measurement of the whole signal, i.e., the signal plus noise plus
distortion, is made by the audio analyzer. The audio tone is then removed by the analyzer and the remaining noise
and distortion is measured.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i.
Set Measurement Mode = SINAD.
ii. Select Unit = dB.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Set RF level = 60 dBµV.
c. Select FM Modulation.
i.
Set FM Deviation = 22.5 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
d. Enable modulation.
e. Enable carrier.
5. Disable generator #2.
6. Record SINAD (dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com