Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 9Page - Silicon Laboratories SI4721 Datasheet HTML 10Page - Silicon Laboratories SI4721 Datasheet HTML 11Page - Silicon Laboratories SI4721 Datasheet HTML 12Page - Silicon Laboratories SI4721 Datasheet HTML 13Page - Silicon Laboratories SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories SI4721 Datasheet HTML 16Page - Silicon Laboratories SI4721 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
AN388
Rev. 0.2
13
2.3.2. THD
The total harmonic distortion, or THD, is a measurement of the harmonic distortion present at the audio output and
is defined as the ratio of the sum of the powers of all harmonic components calculated in RMS fashion to the power
of the fundamental.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD.
i.
Set Measurement Mode = All di (all harmonics).
ii. Select Unit = %.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Select FM Modulation.
i.
Set FM Deviation = 75 kHz.
ii. Set RF level = 60 dBµV.
iii. Set source = LFGEN.
iv. Set LFGEN frequency = 1 kHz.
c. Enable modulation.
d. Enable carrier.
5. Disable generator #2.
6. Record THD (%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com