Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SI4721
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 12Page - Silicon Laboratories SI4721 Datasheet HTML 13Page - Silicon Laboratories SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories SI4721 Datasheet HTML 16Page - Silicon Laboratories SI4721 Datasheet HTML 17Page - Silicon Laboratories SI4721 Datasheet HTML 18Page - Silicon Laboratories SI4721 Datasheet HTML 19Page - Silicon Laboratories SI4721 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
AN388
16
Rev. 0.2
2.3.5. RDS Persistence
RDS Sync is influenced by the signal quality and strength. Once the RDS is synchronized, the FM tuner has the
ability to maintain its synchronization even with high BLER and fading signal strength. This test measures the
ability to maintain RDS Sync in degrading signal condition.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration.
3. Set RDS ON.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Set RF level = 15 uV (RDS sensitivity level).
c. Select stereo modulation.
i.
Set FM Deviation = 22.5 kHz.
ii. Set L=R.
iii. Set Source = LFGEN.
iv. Set LFGEN frequency = 1 kHz.
v. Set Pre-emphasis = 75 µs.
vi. Set Pilot = ON.
vii. Set Pilot Deviation = 6.75 kHz.
viii.Set RDS = ON.
ix. Set RDS Deviation = 2 kHz.
x. Set RDS Data Set = 1.
xi. Set Traffic Announcement = OFF.
xii. Set Traffic Program = OFF.
d. Enable modulation.
e. Enable carrier.
5. Slowly decrease the RF level until green "RDS"display on the main window of the Si47xx GUI goes off.
6. Record the RF level and BLER after 22 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com