Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 12Page - Texas Instruments DLPC300ZVB Datasheet HTML 13Page - Texas Instruments DLPC300ZVB Datasheet HTML 14Page - Texas Instruments DLPC300ZVB Datasheet HTML 15Page - Texas Instruments DLPC300ZVB Datasheet HTML 16Page - Texas Instruments DLPC300ZVB Datasheet HTML 17Page - Texas Instruments DLPC300ZVB Datasheet HTML 18Page - Texas Instruments DLPC300ZVB Datasheet HTML 19Page - Texas Instruments DLPC300ZVB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
DLPC300
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
www.ti.com
6.13 Flash Interface Timing Requirements
see
(1) (2)
MIN
MAX
UNIT
ƒclock
Clock frequency, SPICLK(3)
33.3266
33.34
MHz
tp_clkper
Clock period, SPICLK
50% reference points
29.994
30.006
ns
tp_wh
Pulse duration low, SPICLK
50% reference points
10
ns
tp_wl
Pulse duration high, SPICLK
50% reference points
10
ns
tt
Transition time – All signals
20% to 80% reference points
0.2
4
ns
tp_su
Setup time – SPIDIN valid before SPICLK falling edge
50% reference points
10
ns
tp_h
Hold time – SPIDIN valid after SPICLK falling edge
50% reference points
0
ns
tp_clqv
SPICLK clock low to output valid time – SPIDOUT and SPICS0
50% reference points
1
ns
tp_clqx
SPICLK clock low output hold time – SPI_DOUT and SPICS0
50% reference points
–1
ns
(1)
Standard SPI protocol is to transmit data on the falling edge of SPICLK and to capture data on the rising edge. The DLPC300 does
transmit data on the falling edge, but it also captures data on the falling edge rather than the rising edge. This provides support for SPI
devices with long clock-to-Q timing. DLPC300 hold capture timing has been set to facilitate reliable operation with standard external SPI
protocol devices.
(2)
With the above output timing, DLPC300 provides the external SPI device 14-ns input setup and 14-ns input hold relative to the rising
edge of SPICLK.
(3)
This range includes the 200 ppm of the external oscillator (but no jitter).
6.14 DMD Interface Timing Requirements
The DLPC300 controller DMD interface consists of a 76.19-MHz (nominal) DDR output-only interface with LVCMOS
signaling.
(1)
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
Clock frequency(2)
n/a
DMD_DCLK and
ƒclock
76.198
76.206
MHz
DMD_SAC_CLK
Clock period
50% reference
n/a
DMD_DCLK and
tp_clkper
13.123
15
ns
points
DMD_SAC_CLK
Pulse duration low
50% reference
n/a
DMD_DCLK and
tp_wh
6.2
ns
points
DMD_SAC_CLK
Pulse duration high
50% reference
n/a
DMD_DCLK and
tp_wl
6.2
ns
points
DMD_SAC_CLK
Transition time
20% to 80%
n/a
all signals
tt
0.3
2
ns
reference points
Output setup time (3) (4) 50% reference
Both rising and
DMD_D(14:0),
points
falling edges of
DMD_SCTRL,
tp_su
1.5
ns
DMD_DCLK
DMD_LOADB and
DMD_TRC
Output hold time(3) (4)
50% reference
Both rising and
DMD_D(14:0),
points
falling edges of
DMD_SCTRL,
tp_h
1.5
ns
DMD_DCLK
DMD_LOADB, and
DMD_TRC
DMD data skew(5)
50% reference
Relative to each
DMD_D(14:0),
points
other
DMD_SCTRL,
tp_d1_skew
0.2
ns
DMD_LOADB, and
DMD_TRC
Clock skew
50% reference
Relative to each
DMD_DCLK and
tp_clk_skew
0.2
ns
points
other
DMD_SAC_CLK
DAD/SAC data skew
50% reference
Relative to
DMD_SAC_BUS,
points
DMD_SAC_CLK
DMD_DRC_OE,
tp_d2_skew
DMD_DRC_BUS,
0.2
ns
and
DMD_DRC_STRB
(1)
Assumes a 30-
Ω series termination for all DMD interface signals
(2)
This range includes the 200 ppm of the external oscillator (but no jitter).
(3)
Assumes minimum DMD setup time = 1 ns and minimum DMD hold time = 1 ns
(4)
Output setup/hold numbers already account for controller clock jitter. Only routing skew and DMD setup/hold need be considered in
system timing analysis.
(5)
Assumes DMD data routing skew = 0.1 ns max
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com