Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments DLPC300ZVB Datasheet HTML 34Page - Texas Instruments DLPC300ZVB Datasheet HTML 35Page - Texas Instruments DLPC300ZVB Datasheet HTML 36Page - Texas Instruments DLPC300ZVB Datasheet HTML 37Page - Texas Instruments DLPC300ZVB Datasheet HTML 38Page - Texas Instruments DLPC300ZVB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Tstable
100 ms Min
0 s
500 5 s
±
I
2C access CAN start immediately after GPIO 4_INTF (INIT_BUSY flag)
goes low (this should occur within 100 ms from the release of
if the Motor Control function is not used. If Motor Control is used, it
may take several seconds.)
RESET
PLL_REFCLK may
be active before
power is applied.
The minimum requirement to set
= 1 is any time
after
RESET
PLL_REFCLK becomes stable. For external
oscillator applications, this is oscillator-dependent; for
crystal applications, it is crystal-dependent
.
500
s
Min
PARK must be set high within
500 s after
is released
RESET
to support Auto-initialization.
PARK must be set
low a minimum of
500 s before any
power is removed,
before PLL_REFCLK
is stopped, and
before
is
asserted to allow
time for the DMD
mirrors to be parked.
RESET
Point at which ALL supplies
reach 95% of the their
specified nominal value
Per DMD
Power
Sequencing
Requirement
VDD10
VDD_PLL
VCC_INTF (1.8 V–3.3 V)
VCC_FLSH (1.8 V–3.3 V)
VCC18
PARK
DMD_PWR_EN
(ASIC Output Signal)
PLL_REFCLK
RESET
I C
(SCL, SDA)
2
GPIO 4_INTF
(INIT_BUSY)
500
s
Min
500
s Max
VCC18 must remain active for a minimum of
100 ms after DMD_PWR_EN is de-asserted to
satisfy DMD power sequence requirements.
GPIO 4_
is released to
indicate Auto-
Initialization is Busy
INTF will be
driven high shortly after
RESET
1
2
5
4
3
6
2
1
4
3
5
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
9 Power Supply Recommendations
9.1 System Power-Up and Power-Down Sequence
Although the DLPC300 requires an array of power supply voltages, (for example, VDD, VDD_PLL, VCC_18,
VCC_FLSH, VCC_INTF), there are no restrictions regarding the relative order of power supply sequencing to
avoid damaging the DLPC300. This is true for both power-up and power-down scenarios. Similarly, there is no
minimum time between powering up or powering down the different supplies feeding the DLPC300. Note,
however, that it is not uncommon for there to be power-sequencing requirements for the devices that share the
supplies with the DLPC300.
Although there is no risk of damaging the DLPC300 as a result of a given power sequence, from a functional
standpoint, there is one specific power-sequencing recommendation to ensure proper operation. In particular, all
controller power should be applied and allowed to reach minimum specified voltage levels before RESET is
deasserted to ensure proper power-up initialization is performed. All I/O power should remain applied as long as
1-V core power is applied and RESET is deasserted.
Note that when VDD10 core power is applied but I/O power is not applied, additional leakage current may be
drawn.
Figure 17. Power-Up/Down Timing
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com